Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3209 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3209
Description  Developing your M24LR64-R datalogger application for temperature acquisition
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3209 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3209 Datasheet HTML 21Page - STMicroelectronics AN3209 Datasheet HTML 22Page - STMicroelectronics AN3209 Datasheet HTML 23Page - STMicroelectronics AN3209 Datasheet HTML 24Page - STMicroelectronics AN3209 Datasheet HTML 25Page - STMicroelectronics AN3209 Datasheet HTML 26Page - STMicroelectronics AN3209 Datasheet HTML 27Page - STMicroelectronics AN3209 Datasheet HTML 28Page - STMicroelectronics AN3209 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
AN3209
Developing, compiling and debugging your datalogger firmware
Doc ID 17419 Rev 2
25/42
Cosmic compiler is available with the related documentation at
http://www.cosmicsoftware.com/download_stm8_16k.php.
Note:
1
You have to request a free license to use the compiler.
2
Refer to http://www.cosmic-software.com and http://www.raisonance.com for more
information on complier download, installation and configuration.
4.3
Description of the datalogger firmware
The M24LR64-R_Datalogger_application_firmware implemented in the STM8L101K3 is low
power oriented. It manages two power consumption modes:
●
Active consumption mode where the operations are executed by the application.
●
Low consumption mode: when no operation is ongoing, the application switches to low
consumption mode for a predefined delay.
The following sections describe the main and the acquisition routines, where the red
rectangles represent functions. Each function is described in details in a dedicated section.
4.3.1
Main routine
Figure 19 describes the flowchart of main.c file algorithm. main.c is located at C:\Program
Files\M24LR64-R_Datalogger_Application\sources\M24LR64-
R_Datalogger_application_firmware or by clicking Start > M24LR64-
R_Datalogger_Application > M24LR64-R_Datalogger_application_firmware.
The datalogger firmware is based on an infinite loop. The first operation checks the status
byte stored in the M24LR64-R dual mode EEPROM. This byte indicates the state of the
datalogger (STARTED or STOPPED).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com