Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3224 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3224
Description  Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3224 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3224 Datasheet HTML 3Page - STMicroelectronics AN3224 Datasheet HTML 4Page - STMicroelectronics AN3224 Datasheet HTML 5Page - STMicroelectronics AN3224 Datasheet HTML 6Page - STMicroelectronics AN3224 Datasheet HTML 7Page - STMicroelectronics AN3224 Datasheet HTML 8Page - STMicroelectronics AN3224 Datasheet HTML 9Page - STMicroelectronics AN3224 Datasheet HTML 10Page - STMicroelectronics AN3224 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
AN3224
Description
Doc ID 17559 Rev 2
7/49
1
Description
1.1
M24LRXX dual interface EEPROM
The M24LRXX is a dual interface EEPROM which can be accessed either through an I2C
serial bus or a contactless interface using the ISO 15693 RFID protocol.
To easily access the M24LRXX content through its RF interface, ST offers several evaluation
kits, among which are the DEMOKIT-M24LR-A and the DEVKIT-M24LR-A.
Refer to the product datasheet and to application note AN3163 “Configuring your ISO 15693
reader to support the M24LRXX” for more in-depth information on the M24LRXX and for
explanations on the RF and I2C communication protocols. Both documents are available
from http://www.st.com.
1.2
PR101-USB and MR101-USB FEIG contactless readers
1.2.1
PR101-USB FEIG reader
The PR101-USB RF reader is delivered within ST DEMOKIT-M24LR-A. It supports the
ISO 15693 protocol with high datarate transfers and one subcarrier to communicate with
M24LRXX-based transponders by sending RF ISO 15693 commands. The reader is
connected to the host-computer USB port (see Figure 2).
Figure 2.
DEMOKIT-M24LR-A application schematics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com