Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3249 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN3249
Description  M24LR series internal capacitance considerations for antenna tuning
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3249 Datasheet(HTML) 2 Page - STMicroelectronics

  AN3249 Datasheet HTML 1Page - STMicroelectronics AN3249 Datasheet HTML 2Page - STMicroelectronics AN3249 Datasheet HTML 3Page - STMicroelectronics AN3249 Datasheet HTML 4Page - STMicroelectronics AN3249 Datasheet HTML 5Page - STMicroelectronics AN3249 Datasheet HTML 6Page - STMicroelectronics AN3249 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Tuning capacitance variation as a function of input voltage
AN3249
2/7
DocID017760 Rev 2
2
Tuning capacitance variation as a function of input
voltage
Figure 1 shows an example measurement of the M24LR serial equivalent capacitance as a
function of the VAC0-AC1 input RF voltage. The capacitance is measured between 0.2 VPEAK
and 2 VPEAK at 13.56 MHz using a network analyzer.
Figure 1. M24LR64-R serial equivalent capacitance CS measurement example
The dotted line in Figure 1 corresponds to the voltage level (0.5 V) at which the serial
capacitance (CS) of the M24LR series is measured in production and specified in the
datasheet (27.5 pF).
This voltage level has been chosen on the plateau of the capacitance curve to ensure the
best measurement repeatability.
3
M24LR series capacitance for antenna tuning
3.1
M24LR series equivalent schematic
Figure 2 shows the equivalent circuit of an M24LR mounted on a loop antenna, in the
presence of a magnetic field.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com