Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3255 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3255
Description  Building an RFID short-range reader using the STM8S-DISCOVERY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3255 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3255 Datasheet HTML 15Page - STMicroelectronics AN3255 Datasheet HTML 16Page - STMicroelectronics AN3255 Datasheet HTML 17Page - STMicroelectronics AN3255 Datasheet HTML 18Page - STMicroelectronics AN3255 Datasheet HTML 19Page - STMicroelectronics AN3255 Datasheet HTML 20Page - STMicroelectronics AN3255 Datasheet HTML 21Page - STMicroelectronics AN3255 Datasheet HTML 22Page - STMicroelectronics AN3255 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AN3255
I2C memory addressing
Doc ID 17784 Rev 1
19/24
Appendix A
I2C memory addressing
To start communicating with the CR14, the bus master initiates a START condition and
sends 8 bits (with Most Significant Bit first) on the serial data line SDA. These bits contain
the Device Select Code (7 bits) and the RWbar bit.
According to the I2C bus definition, the seven Most Significant Bits of the Device Select
Code are the Device Type Identifier. For the CR14 these bits definition is given in Table 7.
The 8th bit is the Read/Write bit (RWbar). It is set to ‘1’ for I2C read and to ‘0’ for I2C write
operations.
If the data sent by the bus master matches the Device Select Code of the CR14, it returns
an acknowledgement on the bus during the 9th bit time. The CR14 device generates a
NACK if its Device Select Code does not correspond to the data sent. It deselects himself
from the bus and goes in standby mode.
Refer to the CR14 datasheet for details regarding the CR14 I2C protocol, and to the STM8S
reference manual for a functional description on I2C peripheral.
Table 7.
Device Select code
Device Code
Chip Enable
RWbar
b7
b6
b5
b4
b3
b2
b1
b0
CR14
select
1
0
1
0
E2
E1
E0
RWbar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com