Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3258 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3258
Description  Local interconnect network
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3258 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3258 Datasheet HTML 3Page - STMicroelectronics AN3258 Datasheet HTML 4Page - STMicroelectronics AN3258 Datasheet HTML 5Page - STMicroelectronics AN3258 Datasheet HTML 6Page - STMicroelectronics AN3258 Datasheet HTML 7Page - STMicroelectronics AN3258 Datasheet HTML 8Page - STMicroelectronics AN3258 Datasheet HTML 9Page - STMicroelectronics AN3258 Datasheet HTML 10Page - STMicroelectronics AN3258 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AN3258
HSI calibration
Doc ID 17825 Rev 1
7/16
Figure 2.
LIN header
Usually, the master node uses a crystal or resonator oscillator to generate the correct baud
rate. The sync field byte is used by the slave node to synchronize with the master clock.
The STM8A/S LINUART peripheral has an automatic resynchronization feature which
makes use of the sync byte field to synchronize with the master baud rate. The automatic
resynchronization feature measures the sync byte field and automatically adjusts the slave
baud rate generator after each LIN sync field reception from the master node (see Figure 3).
Figure 3.
LIN synch field measurement
After each LIN break reception, the time duration between five falling edges on the LIN Rx
pin is sampled on the fMASTER clock. The result of this measurement is stored in an internal
19-bit register called SM which is not user accessible. Then, the LIN baud rate divider
(LDIV) is automatically updated at the end of the fifth falling edge.
Note:
fMASTER and TMASTER are the respective system clock frequency and time period of the
STM8A/S slave node (please refer to the clock tree figure in the STM8A and STM8S
reference manuals) and should not be considered as the frequency of the master node.
LIN break
LIN synch
Identifier
Parity bits
field
field
LIN break
Break
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Start
bit
Stop
bit
Next
start
bit
LIN synch field
Measurement = 8.TBR = SM.TMASTER
LDIV(n)
LDIV(n+1)
TBR
delim.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com