Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3261 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3261
Description  The Smart Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3261 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3261 Datasheet HTML 1Page - STMicroelectronics AN3261 Datasheet HTML 2Page - STMicroelectronics AN3261 Datasheet HTML 3Page - STMicroelectronics AN3261 Datasheet HTML 4Page - STMicroelectronics AN3261 Datasheet HTML 5Page - STMicroelectronics AN3261 Datasheet HTML 6Page - STMicroelectronics AN3261 Datasheet HTML 7Page - STMicroelectronics AN3261 Datasheet HTML 8Page - STMicroelectronics AN3261 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Features
AN3261
4/17
Doc ID 17837 Rev 1
1
Features
●
The Smart Reset™ functionality is a feature that introduces a reset output response
delay. Both of the Smart Reset™ input buttons must be pressed for a defined tSRC
period, only after which an output reset pulse is generated. This results in a robust
hardware reset. The reset function can then be assigned to the existing keys of a
device, which eliminates the traditional reset hole in the back cover of the device, while
maintaining system stability. All the STM65xx family devices have this feature with the
exception of the STM6504.
●
The edge trigger functionality is a reset input with an immediate reset response and a
special debounce feature. Found only on the STM6504 (a device with single-button
edge trigger immediate reset and a single-button delayed Smart Reset™ input,
independent but with a common reset output).
●
VCC monitoring/undervoltage reset. When the monitored VCC voltage drops below
the factory-programmed undervoltage reset threshold VRST, the reset output(s)
immediately go active and remain so until VCC rises above VRST and hysteresis, plus
the defined tREC period.
●
Battery-low detection is an additional independent voltage monitoring function with a
dedicated battery-low detection output pin. It works as a pure comparator with
VREF=1.25 V. STM6505 only.
●
Fixed input logic levels are suitable for configurations where the device driving the
input buttons (keyboard) is connected to a lower voltage than the supply voltage of the
STM65xx device. This is in contrast to the devices with the standard CMOS input logic
levels that are relative to VCC and are suitable only for applications in which the device
driving the inputs of the Smart Reset™ device is powered by the same voltage supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com