Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3271 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3271
Description  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3271 Datasheet HTML 3Page - STMicroelectronics AN3271 Datasheet HTML 4Page - STMicroelectronics AN3271 Datasheet HTML 5Page - STMicroelectronics AN3271 Datasheet HTML 6Page - STMicroelectronics AN3271 Datasheet HTML 7Page - STMicroelectronics AN3271 Datasheet HTML 8Page - STMicroelectronics AN3271 Datasheet HTML 9Page - STMicroelectronics AN3271 Datasheet HTML 10Page - STMicroelectronics AN3271 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AN3271
Pin descriptions and typical application hookup
Doc ID 17933 Rev 2
7/29
2
Pin descriptions and typical application hookup
VCC - power supply input is monitored at startup and during operation to have sufficient
voltage.
PB - push-button input is used to start an application or assert an interrupt during normal
operation or possibly power down the application.
SR - Smart Reset button, when pressed together with PB, can either power down the
application or reset the device regardless of system response.
EN (EN) - active high or active low enable output (device ordering option) can drive various
power switches from PMOS to DC-DC converters, regulators, etc. and therefore switch
power for the application. It is asserted by a PB button press and confirmed by PSHOLD
assertion (VCC has to be above threshold the whole time). Enable output can be deasserted
by the following events:
Startup is not properly confirmed by PSHOLD assertion
PSHOLD is deasserted (driven low) during operation
Undervoltage condition is detected
Long push of PB and SR buttons is detected (valid only for devices with option “EN
deasserted by long push”)
PSHOLD is not asserted after reset invoked by a long push of PB and SR buttons (valid
only for devices with option “RST deasserted by long push”)
RST - system reset, output is asserted during power-up or after a long push of PB and SR
buttons simultaneously (device option).
PSHOLD - assertion of the input confirms proper power-up, deassertion disables power for
the application.
CSRD - external capacitor connected to CSRD pin determines how long the PB and SR
buttons must be held in order to recognize a long push and either reset the system or
disable the system power (based on option used), the constant is 10 s / µF.
VREF - highly precise 1.5 V voltage reference output with ±1% accuracy (can be used as
a reference for analog-digital converters, for example). A 1 µF CREF capacitor on the output
is mandatory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com