Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3280 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3280
Description  Displaying variable voltage on a bar of LEDs using STM8S-DISCOVERY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3280 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3280 Datasheet HTML 1Page - STMicroelectronics AN3280 Datasheet HTML 2Page - STMicroelectronics AN3280 Datasheet HTML 3Page - STMicroelectronics AN3280 Datasheet HTML 4Page - STMicroelectronics AN3280 Datasheet HTML 5Page - STMicroelectronics AN3280 Datasheet HTML 6Page - STMicroelectronics AN3280 Datasheet HTML 7Page - STMicroelectronics AN3280 Datasheet HTML 8Page - STMicroelectronics AN3280 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AN3280
Application description
Doc ID 17983 Rev 1
5/13
1
Application description
1.1
Hardware requirements
No on-board resources are used.
External resources needed are:
●
4 LEDs: LD2, LD3, LD4, LD5
●
1 x 10 K
Ω variable resistor: RV1
●
4 x 1 K
Ω resistors: R1, R2, R3, R4
●
1 x 100 nF capacitor: C1
1.2
Application schematic
Capacitor C1 filters the voltage spike on PE6.
Resistors R1, R2, R3 and R4 limit the current going into LD2, LD3, LD4 and LD5
respectively.
Figure 1.
Application schematic
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com