Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3342 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3342
Description  Getting started with STM8TL5xxx
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3342 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3342 Datasheet HTML 5Page - STMicroelectronics AN3342 Datasheet HTML 6Page - STMicroelectronics AN3342 Datasheet HTML 7Page - STMicroelectronics AN3342 Datasheet HTML 8Page - STMicroelectronics AN3342 Datasheet HTML 9Page - STMicroelectronics AN3342 Datasheet HTML 10Page - STMicroelectronics AN3342 Datasheet HTML 11Page - STMicroelectronics AN3342 Datasheet HTML 12Page - STMicroelectronics AN3342 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
AN3342
Clock management
Doc ID 18461 Rev 3
9/39
3
Clock management
The STM8TL5xxx has no external clock so no precautionary measures are needed.
3.1
Internal clocks
STM8TL5xxx devices have three kinds of internal clock: A high speed internal clock (HSI)
running at 16 MHz, a low speed internal clock (LSI) running at 38 kHz and a high speed
internal clock dedicated to the ProxSense (HSI_PXS) running at 16 MHz. The HSI_PXS
clock runs once the ProxSense is enabled if the LowPower bit is reset. If LowPower bit is set
HSI_PXS clock runs only when an acquisition is being performed.
After reset, the CPU starts at speed of 2 MHz driven by the internal RC (HSI clock signal)
divided by 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com