Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3375 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3375
Description  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 6Page - STMicroelectronics AN3375 Datasheet HTML 7Page - STMicroelectronics AN3375 Datasheet HTML 8Page - STMicroelectronics AN3375 Datasheet HTML 9Page - STMicroelectronics AN3375 Datasheet HTML 10Page - STMicroelectronics AN3375 Datasheet HTML 11Page - STMicroelectronics AN3375 Datasheet HTML 12Page - STMicroelectronics AN3375 Datasheet HTML 13Page - STMicroelectronics AN3375 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
CR95HF description
AN3375
10/73
Doc ID 018637 Rev 1
1
CR95HF description
1.1
CR95HF overview
The CR95HF is an RF transceiver IC for contactless application. It supports ISO15693,
14443A,14443B and ISO/IEC 18092 protocols and manages frame coding, RF modulation
and contactless tag response decoding both from RFID or NFC tags.
The CR95HF operates as a slave device, controlled by a host MCU (see Figure 1). The
transceiver is delivered with a library which allows to interface the user application with the
SPI and UART hardware drivers.
For more details concerning the CR95HF, please refer to the product datasheet.
1.2
Library overview
The library described in this application note is composed of three layers;
●
Low level layer supporting the commands described in the CR95HF datasheet. This
level is fully supported by the CR95HF library
●
Intermediate layer based on ISO/IEC FCD 15693-3 protocol
●
Upper layer supporting all the commands described in the M24LRXX-R datasheet.
The library can be downloaded from http://www.st.com.
Figure 2 shows the interaction between a typical user application and the CR95HF library
layers.
Figure 2.
Example of application architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com