Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3431 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3431
Description  How to design a PresSense pressure touch button
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3431 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3431 Datasheet HTML 5Page - STMicroelectronics AN3431 Datasheet HTML 6Page - STMicroelectronics AN3431 Datasheet HTML 7Page - STMicroelectronics AN3431 Datasheet HTML 8Page - STMicroelectronics AN3431 Datasheet HTML 9Page - STMicroelectronics AN3431 Datasheet HTML 10Page - STMicroelectronics AN3431 Datasheet HTML 11Page - STMicroelectronics AN3431 Datasheet HTML 12Page - STMicroelectronics AN3431 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AN3431
Mechanical construction considerations
Doc ID 019017 Rev 1
9/18
Figure 4.
Stress-strain curve
1.
Legend
1: True elastic limit (crystallographic defect movement), which occurs for a very low stress
2: Proportionality limit
3: Elastic limit (yield strength, y), above this stress, a permanet deformation occurs
4: Offset yield strength, usually defined as
ε = 0.2 %
: Engineering stress
ε: Engineering strain
A: Undeformed cross-sectional area
F: Uniaxial load
L: Underformed length
l: Elongation
E: Young’s modulus
The conductive top cover should be chosen so that the physical properties of the material
(its type and thickness) allow enough elongation when applying a force (stress) but, should
not cause a permanent bend (i.e. the stress should not exceed the elastic limit).
The top cover is usually a metal but, can also be a conductively coated material or plastic.
The most common metal for light touches (80-150 g) is Aluminium. Table 1 shows Young’s
modulus and the yield strength for several common materials.
Table 1.
Young’s modulus and yield strength of common materials
Material
Young’s modulus
-E-
(GPa)
Yield strength
-
σy-
(MPa)
Aluminium
69
95
Steel
200
250 to 1650
Copper
100 to 128
70
Polycarbonate
2.6
70
Titanium
105 to 120
730
ε



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com