Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3433 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3433
Description  Optimizing wakeup time and power consumption in CR95HF and STRFNFCA devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3433 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3433 Datasheet HTML 3Page - STMicroelectronics AN3433 Datasheet HTML 4Page - STMicroelectronics AN3433 Datasheet HTML 5Page - STMicroelectronics AN3433 Datasheet HTML 6Page - STMicroelectronics AN3433 Datasheet HTML 7Page - STMicroelectronics AN3433 Datasheet HTML 8Page - STMicroelectronics AN3433 Datasheet HTML 9Page - STMicroelectronics AN3433 Datasheet HTML 10Page - STMicroelectronics AN3433 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
AN3433
Management of CR95HF or STRFNFCA activity
Doc ID 019046 Rev 2
7/34
2.2
Idle command
The Idle command switches the device into WFE mode (low consumption) and defines the
way it returns to Ready state.
In WFE mode, the device has two low consumption states: Hibernate and Sleep/Tag-
Detector.
In Hibernate state, the device power consumption is extremely low (a few microamps)
because most of its resources are switched off. When it receives an external event (pin
IRQ_IN), it will return to Ready mode in only a few milliseconds.
In Sleep/Tag-Detector state, the device power consumption is low (tens of microamps)
depending on the selected wakeup source. The wakeup source can be an internal timer, an
external interrupt or the presence of a tag detected by the device.
In Tag-Detector state, after executing an initial Tag Detection Calibration procedure to set-up
the device, the application engineer must adjust command parameters to select the best
trade-off between the wakeup delay and the power budget.
Figure 1.
CR95HF or STRFNFCA initialization and operating state change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com