Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3961 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3961
Description  STEVAL-IME003V1 demonstration board based on the STHV748 ultrasound pulser
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3961 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3961 Datasheet HTML 1Page - STMicroelectronics AN3961 Datasheet HTML 2Page - STMicroelectronics AN3961 Datasheet HTML 3Page - STMicroelectronics AN3961 Datasheet HTML 4Page - STMicroelectronics AN3961 Datasheet HTML 5Page - STMicroelectronics AN3961 Datasheet HTML 6Page - STMicroelectronics AN3961 Datasheet HTML 7Page - STMicroelectronics AN3961 Datasheet HTML 8Page - STMicroelectronics AN3961 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
DocID022083 Rev 3
5/46
AN3961
Getting started
46
2
Getting started
To use the STEVAL-IME003V1, perform the following steps:
1.
Connect the power supply to the board (see Section 3.1).
2.
Connect the BNC to the oscilloscope.
3.
Check that switch SW1 is set to the FPGA position.
4.
Check that the LED indicator DONE (D23) turns on.
5.
Check that FPGA is in the idle state (LED D4 is on).
6.
Select the waveform with the PROGRAM button. The corresponding program LED
(D6-D29) turns on.
7.
Press the START button to run the selected program; the START LED (D2) turns on.
After the program ends, the FPGA returns to the idle state (LED D4 is on).
8.
If a continuous wave program has been selected (Program “2”), the STOP button must
be pressed to stop program execution. The FPGA returns to the idle state and the
STOP LED (D3) turns on.
9.
To run the same program again, restart from step 7. To run a different program, restart
from step 6.
2.1
Programming waveform description, flagged by LED (D6-D9)
Program “0” (see Figure 2)
–
XDCR_A: pulse wave mode, TX0 switching, 5 pulses, time-period TP=400 ns and
PRF=150 µs
–
XDCR_B: pulse wave mode, TX0 switching, 5 pulses in counter phase respect to
XDCR_A, time-period TP=400 ns and PRF=150 µs
–
XDCR_C: pulse wave mode, TX1 switching, 5 pulses, time-period TP=200 ns and
PRF=150 µs
–
XDCR_D: pulse wave mode, TX1 switching, 5 pulses in counter phase respect to
XDCR_C, time-period TP=200 ns and PRF=150 µs
Note:
TX0 means H-bridge supplied by HVP/M0, while TX1 means H-bridge supplied by HVP/M1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com