Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3972 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3972
Description  This document describes how to use the STM3210C-EVAL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3972 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3972 Datasheet HTML 12Page - STMicroelectronics AN3972 Datasheet HTML 13Page - STMicroelectronics AN3972 Datasheet HTML 14Page - STMicroelectronics AN3972 Datasheet HTML 15Page - STMicroelectronics AN3972 Datasheet HTML 16Page - STMicroelectronics AN3972 Datasheet HTML 17Page - STMicroelectronics AN3972 Datasheet HTML 18Page - STMicroelectronics AN3972 Datasheet HTML 19Page - STMicroelectronics AN3972 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Demo setup
AN3972
16/21
Doc ID 022161 Rev 1
4
Demo setup
To set up the demo, one STM3210C-EVAL board (modified as described in Section 2.1) with
a ZigBee adapter is necessary, a set of STEVAL-IHP001V3s, a PC with Ethernet
connectivity, and an Ethernet switch (or hub) with standard Ethernet cable; if an Ethernet
switch (or hub) is not available it is possible to use a crossed Ethernet cable. The adapter is
not provided in the package but the Gerber files are available for downloading together with
the firmware package. By using the browser of the PC it is possible to monitor and control
each smartplug of the HAN simply writing the IP address of the board (shown in the board
display) in the address bar. It is possible to do the same from any computer connected to the
Internet configuring the PC as the Internet gateway, providing it has an Internet connection,
of course, with a public IP address; unfortunately, not all Internet providers assign public IP
by default.
Go step-by-step:
1.
Turn on the STM3210C-EVAL board with daughterboard
2.
Set the PC network with static IP address
Figure 6.
PC TCP/IP properties configuration
3.
Connect the Ethernet cross-cable from STM3210C-EVAL to PC
4.
Open Internet Explorer on 192.168.0.100 (as shown in the LCD display)
Figure 7.
Smart Home Information web page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com