Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM0018 Datasheet(PDF) 4 Page - STMicroelectronics

Part # PM0018
Description  ST7 Flash programming
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0018 Datasheet(HTML) 4 Page - STMicroelectronics

  PM0018 Datasheet HTML 1Page - STMicroelectronics PM0018 Datasheet HTML 2Page - STMicroelectronics PM0018 Datasheet HTML 3Page - STMicroelectronics PM0018 Datasheet HTML 4Page - STMicroelectronics PM0018 Datasheet HTML 5Page - STMicroelectronics PM0018 Datasheet HTML 6Page - STMicroelectronics PM0018 Datasheet HTML 7Page - STMicroelectronics PM0018 Datasheet HTML 8Page - STMicroelectronics PM0018 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Device specific information
ST7 Flash Programming
4/10
1.3
Implemented ICC features
Table 3 defines the implemented ICC features and their main characteristics for each ST7
device. The data mentioned in this table is described in detail in the ICC protocol reference
manual.
Description of legends for Table 3
ICC monitor: Three different ICC monitors can be implemented: basic (for ST7 with
HDFlash and small XFlash), medium (for ST7 ROM) and advanced (for ST7 XFlash with
debug module). Refer to the ICC protocol reference manual for more details.
ICC mode entry: Different methods exists for entering ICC mode. Refer to the ICC protocol
reference manual for more details.
IAP:IAP is not available on 4K HDFlash versions.
ICD: ICD can be managed with or without a debug module, refer to the ICC protocol
reference manual for more details
DM: The Debug Module (DM) is an ST7 hardware peripheral able to manage instruction
stepping, complex breakpoints and abort for ICD development tools. The ST72F325,
ST7FSuperlite, ST7FLite2 and ST7FHUB Debug Modules do not feature the WP bit
capability and the register protection when MTR=0. Refer to the ICC protocol reference
manual for more details.
Ext clock: If this number of pulses is generated, the ST7 does not take into account the
option byte configuration stored in the Flash memory, and an external clock has to be
provided. In this case, the microcontroller configuration corresponds to the factory default
option byte values, see product datasheet for more details. Note that in this mode, reserved
Flash locations (which may contain internal oscillator calibration data for example) are not
write protected, and could be corrupted if you program the device using a wrong address.
Caution:
To know on which pin the external clock must be provided please refer to the section related
to the ICC interface in the product datasheet.
Appli clock: If this number of pulses is generated, the ST7 takes into account the option
byte configuration (except the watchdog which is always software in this condition). In this
case, be sure that the selected clock source is available in the application (see product
datasheet for more details).
Note that in this mode, reserved Flash locations are write protected, so this mode is safer
than external clock mode.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com