Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM0044 Datasheet(PDF) 16 Page - STMicroelectronics

Part # PM0044
Description  STM8 CPU programming manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0044 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PM0044 Datasheet HTML 12Page - STMicroelectronics PM0044 Datasheet HTML 13Page - STMicroelectronics PM0044 Datasheet HTML 14Page - STMicroelectronics PM0044 Datasheet HTML 15Page - STMicroelectronics PM0044 Datasheet HTML 16Page - STMicroelectronics PM0044 Datasheet HTML 17Page - STMicroelectronics PM0044 Datasheet HTML 18Page - STMicroelectronics PM0044 Datasheet HTML 19Page - STMicroelectronics PM0044 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 162 page
background image
STM8 core description
PM0044
16/162
Doc ID 13590 Rev 3
I0: Interrupt mask level 0
See Flag I1
N: Negative
When set to 1, this bit indicates that the result of the last arithmetic, logical or data
manipulation is negative (i.e. the most significant bit is a logic 1).
Z: Zero
When set to 1, this bit indicates that the result of the last arithmetic, logical or data
manipulation is zero.
C: Carry
When set, C indicates that a carry or borrow out of the ALU occurred during the last
arithmetic operation on the MSB operation result bit (bit 7 for 8-bit result/destination or
bit 15 for 16-bit result). This bit is also affected during bit test, branch, shift, rotate and
load instructions. See ADD, ADC, SUB, SBC instructions.
In bit test operations, C is the copy of the tested bit. See BTJF, BTJT instructions.
In shift and rotates operations, the carry is updated. See RRC, RLC, SRL, SLL, SRA
instructions.
This bit can be set, reset or complemented by software using SCF, RCF, CCF
instructions.
Example: Addition
$B5 + $94 = "C" + $49 = $149
The results of each instruction on the Condition Code register are shown by tables in
Section 7: STM8 instruction set. The following table is an example:
where
C7
0
0
1011
010
1
C7
0
+
0
1001
010
0
C7
0
=
1
0100
100
1
VI1
H
I0
N
Z
C
V0
0
N
Z
1
Nothing =
Flag not affected
Flag name = Flag affected
0 =
Flag cleared
1 =
Flag set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com