Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM0054 Datasheet(PDF) 5 Page - STMicroelectronics

Part # PM0054
Description  How to program STM8L and STM8AL Flash program memory and data EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0054 Datasheet(HTML) 5 Page - STMicroelectronics

  PM0054 Datasheet HTML 1Page - STMicroelectronics PM0054 Datasheet HTML 2Page - STMicroelectronics PM0054 Datasheet HTML 3Page - STMicroelectronics PM0054 Datasheet HTML 4Page - STMicroelectronics PM0054 Datasheet HTML 5Page - STMicroelectronics PM0054 Datasheet HTML 6Page - STMicroelectronics PM0054 Datasheet HTML 7Page - STMicroelectronics PM0054 Datasheet HTML 8Page - STMicroelectronics PM0054 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
PM0054
Glossary
Doc ID 15433 Rev 9
5/28
●
Page
A page is a set of blocks. The number of blocks in a page may differ from one device to
another. Refer to Section 2: Related documents for details on page size according to
the device.
Dedicated option bytes can be used to configure by increments of one page the size of
the user boot code, the proprietary code, and the data EEPROM. Refer to Section 6:
Flash program memory & data EEPROM comparison for a description of available
areas and option bytes according to the devices.
●
Proprietary code area (PCODE)
The proprietary code area (PCODE) can be used to protect proprietary software
libraries used to drive peripherals. Refer to Section 4.2: Proprietary code area
protection for details.
●
Read-while-write (RWW)
The RWW feature provides the ability for the software to perform write operation on
data EEPROM while reading and executing the program memory. Execution time is
therefore optimized. The opposite operation is not allowed: the software cannot read
data memory while writing program memory.
The RWW feature is not available on all STM8 devices. Refer to Table 11 for
information on devices with RWW capability.
●
Single wire interface module (SWIM)
The SWIM is a communication protocol managed by hardware in the STM8
microcontrollers. The SWIM main purpose is to provide non intrusive debug capability.
It can also be used to download programs into RAM and execute them. It can also write
(registers or RAM) or read any part of the memory space and jump to any memory
address. The SWIM protocol is used for ICP. It is accessed by providing a specific
sequence on the SWIM pin either during the reset phase or when the device is running
(if allowed by the application).
●
System memory
The STM8 system memory is a small ROM accessible when the user software is
executed. It contains the bootloader. The system ROM and the bootloader are not
available on all STM8 devices.
●
User boot code area (UBC)
The user boot code area is a write-protected area which contains reset vector, interrupt
vectors, and IAP routine for the device to be able to recover from interrupted or
erroneous IAP programming.
●
User mode
The user mode is the standard user software running mode in the STM8. It is entered
either by performing a power-on-reset on the device or by issuing the SWIM SRST
command from a development tool.
●
Word
A word is a set of 4 bytes and corresponds to the memory granularity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com