Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM0056 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 6Page - STMicroelectronics PM0056 Datasheet HTML 7Page - STMicroelectronics PM0056 Datasheet HTML 8Page - STMicroelectronics PM0056 Datasheet HTML 9Page - STMicroelectronics PM0056 Datasheet HTML 10Page - STMicroelectronics PM0056 Datasheet HTML 11Page - STMicroelectronics PM0056 Datasheet HTML 12Page - STMicroelectronics PM0056 Datasheet HTML 13Page - STMicroelectronics PM0056 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 156 page
background image
About this document
PM0056
10/156
DocID15491 Rev 5
Figure 1. STM32 Cortex-M3 implementation
To facilitate the design of cost-sensitive devices, the Cortex-M3 processor implements
tightly-coupled system components that reduce processor area while significantly improving
interrupt handling and system debug capabilities. The Cortex-M3 processor implements a
version of the Thumb® instruction set, ensuring high code density and reduced program
memory requirements. The Cortex-M3 instruction set provides the exceptional performance
expected of a modern 32-bit architecture, with the high code density of 8-bit and 16-bit
microcontrollers.
The Cortex-M3 processor closely integrates a configurable nested interrupt controller
(NVIC), to deliver industry-leading interrupt performance. The NVIC includes a
non-maskable interrupt (NMI), and provides up to 256 interrupt priority levels. The tight
integration of the processor core and NVIC provides fast execution of interrupt service
routines (ISRs), dramatically reducing the interrupt latency. This is achieved through the
hardware stacking of registers, and the ability to suspend load-multiple and store-multiple
operations. Interrupt handlers do not require any assembler stubs, removing any code
overhead from the ISRs. Tail-chaining optimization also significantly reduces the overhead
when switching from one ISR to another.
To optimize low-power designs, the NVIC integrates with the sleep modes, that include a
deep sleep function that enables the STM32 to enter STOP or STDBY mode.
1.3.1
System level interface
The Cortex-M3 processor provides multiple interfaces using AMBA® technology to provide
high speed, low latency memory accesses. It supports unaligned data accesses and
implements atomic bit manipulation that enables faster peripheral controls, system
spinlocks and thread-safe Boolean data handling.
1.3.2
Integrated configurable debug
The Cortex-M3 processor implements a complete hardware debug solution. This provides
high system visibility of the processor and memory through either a traditional JTAG port or
a 2-pin Serial Wire Debug (SWD) port that is ideal for small package devices.
Processor
core
Embedded
Trace Macrocell
NVIC
Debug
access
port
Serial
wire
viewer
Bus matrix
Code
interface
SRAM and
peripheral interface
Data
watchpoints
Flash
patch
STM32 Cortex-M3
processor
ai15994



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com