Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM0083 Datasheet(PDF) 6 Page - STMicroelectronics

Part # PM0083
Description  How to program STM8T143 OTP options
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0083 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PM0083 Datasheet HTML 2Page - STMicroelectronics PM0083 Datasheet HTML 3Page - STMicroelectronics PM0083 Datasheet HTML 4Page - STMicroelectronics PM0083 Datasheet HTML 5Page - STMicroelectronics PM0083 Datasheet HTML 6Page - STMicroelectronics PM0083 Datasheet HTML 7Page - STMicroelectronics PM0083 Datasheet HTML 8Page - STMicroelectronics PM0083 Datasheet HTML 9Page - STMicroelectronics PM0083 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Software interface
PM0083
6/13
DocID018532 Rev 3
2.3
Read a byte from the STM8T143
Prerequisite: POUT = HIGH and CX must be configured as input on the programming tool
before calling the read procedure.
Note:
The STM8T143 always assumes by default that it will receive a byte. It only transmits a byte
if the previous command instructed it do so.
Table 4. Read procedure
Step
Action
Description
1.
Wait for CX = HIGH
Wait for device to pull CX high to indicate that it is ready to transmit.
2.
POUT = LOW
Pull POUT low as part of the handshaking protocol.
3.
Wait for CX = LOW
Check if device responds to handshake with a low signal.
4.
POUT = HIGH
Pull POUT high before clocking in the data from the device.
5.
Clock in data from
device (8 bits)
Clock in 8 data bits on CX at a clock frequency of 8.8 kHz on
POUT. (Clock on POUT is ten times faster than it was during
programming mode entry.) The most significant bit is received first.
Data on CX becomes valid some time after the clock on POUT
goes low and is valid by the time the clock goes high. The first
seven bits keep their status until the next falling edge on the clock,
but the last bit changes its state extremely quickly after receiving its
rising clock edge. Therefore it is advised to sample the data just
before the clock rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com