Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD16334 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PD16334
Description  96-Bit AC-PDP DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16334 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PD16334_15 Datasheet HTML 5Page - Renesas Technology Corp PD16334_15 Datasheet HTML 6Page - Renesas Technology Corp PD16334_15 Datasheet HTML 7Page - Renesas Technology Corp PD16334_15 Datasheet HTML 8Page - Renesas Technology Corp PD16334_15 Datasheet HTML 9Page - Renesas Technology Corp PD16334_15 Datasheet HTML 10Page - Renesas Technology Corp PD16334_15 Datasheet HTML 11Page - Renesas Technology Corp PD16334_15 Datasheet HTML 12Page - Renesas Technology Corp PD16334_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
7
µµµµµPD16334
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Ratings
Unit
Logic Block Supply Voltage
VDD1
–0.5 to +7.0
V
Driver Block Supply Voltage
VDD2
–0.5 to +80
V
Logic Block Input Voltage
VI
–0.5 to VDD1 + 0.5
V
Driver Block Output Current
IO2
50
mA
Junction Temperature
T j
+125
°C
Storage Temperature
Tstg.
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS (TA = –40 to +85 °C, VSS1 = VSS2 = 0 V)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Logic Block Supply Voltage
VDD1
4.75
5.0
5.25
V
Driver Block Supply Voltage
VDD2
10
70
V
High-Level Input Voltage
VIH
2.7
VDD1
V
Low-Level Input Voltage
VIL
0
0.6
V
Driver Output Current
IOH2
–40
mA
IOL2
+40
mA
Caution
In order to prevent latch-up breakage, be sure to enter the power to VDD1, logic signal and VDD2 in that
order, and turn off the power in the reverse order, keep this order also during a transition period.
ELECTRICAL SPECIFICATIONS (TA = 25 °C, VDD1 = 5.0 V, VDD2 = 70 V, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
High-Level Output Voltage
VOH1
Logic, IOH1 = –1.0 mA
0.9 • VDD1
VDD1
V
Low-Level Output Voltage
VOL1
Logic, IOL1 = 1.0 mA
0
0.1 VDD1
V
High-Level Output Voltage
VOH21
O1 to O96, IOH2 = –1 mA
69
V
VOH22
O1 to O96, IOH2 = –10 mA
65
V
Low-Level Output Voltage
VOL21
O1 to O96, IOL2 = 5 mA
1.0
V
VOL22
O1 to O96, IOL2 = 40 mA
10
V
Input Leakage Current
IIL
VI = VDD1 or VSS1
±1.0
µA
High-Level Input Voltage
VIH
VDD1 = 4.75 to 5.25 V
2.7
V
Low-Level Input Voltage
VIL
VDD1 = 4.75 to 5.25 V
0.6
V
Static Current Dissipation
IDD1
Logic, TA = –40 to +85 °C
10 Note
mA
IDD1
Logic, TA = 25 °C
10 Note
mA
IDD2
Driver, TA = –40 to +85 °C
1000
µA
IDD2
Driver, TA = 25 °C
100
µA
Note When all inputs are high-level (VIH = 2.7 V to VDD1, the R/L and IBS pins are fixed to VI = VSS1 or VDD1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com