Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TN0516 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TN0516
Description  This technical note is an overview of the main features
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0516 Datasheet(HTML) 5 Page - STMicroelectronics

  TN0516 Datasheet HTML 1Page - STMicroelectronics TN0516 Datasheet HTML 2Page - STMicroelectronics TN0516 Datasheet HTML 3Page - STMicroelectronics TN0516 Datasheet HTML 4Page - STMicroelectronics TN0516 Datasheet HTML 5Page - STMicroelectronics TN0516 Datasheet HTML 6Page - STMicroelectronics TN0516 Datasheet HTML 7Page - STMicroelectronics TN0516 Datasheet HTML 8Page - STMicroelectronics TN0516 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DocID018733 Rev 4
5/11
TN0516
MC software development kit architecture
11
2
MC software development kit architecture
Figure 1 shows the system architecture. The Motor Control SDK has a four-layers structure:
•
STM32Fxxx standard peripherals library and CMSIS library
•
Motor Control Library
•
Motor Control Application
•
Demonstration user project
Figure 1. MC software library architecture
From the bottom layer upwards:
The STM32Fxxx standard peripherals library is an independent firmware package that
contains a collection of routines, data structures and macros that cover the features of the
STM32 peripherals. Version 3.5.0 of STM32F10x standard peripheral library is included in
the MC SDK, version 1.0.0 is available for STM32F05xx, STM32F2xx and STM32F4xx,
version 1.0.1 is available for STM32F30x. The STM32Fxxx standard peripherals library is
CMSIS and MISRA-C compliant. Visit www.st.com/stm32 for complete documentation.
The Motor Control Library is a wide collection of classes that describe the functionality of
elements involved in motor control (such as speed sensors, current sensors, algorithms).
Each class has an interface, which is a list of methods applicable to objects of that class.
Figure 2 is a conceptual representation of the library.
Two distributions of the Motor Control Library are available:
•
Web distribution, available free of charge at www.st.com, where the Motor Control
Library is provided as a compiled .lib file.
•
Confidential distribution, available free of charge on demand by contacting your
nearest ST sales office or support team. Source files of classes are provided, with the
exception of ST protected IPs, which are provided as compiled object files. Source files
of protected IPs can also be provided free of charge to ST partners upon request.
Contact your nearest ST office or support team for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com