Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0244 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0244
Description  FlashLINK JTAG programming cable for STR9
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0244 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0244 Datasheet HTML 1Page - STMicroelectronics UM0244 Datasheet HTML 2Page - STMicroelectronics UM0244 Datasheet HTML 3Page - STMicroelectronics UM0244 Datasheet HTML 4Page - STMicroelectronics UM0244 Datasheet HTML 5Page - STMicroelectronics UM0244 Datasheet HTML 6Page - STMicroelectronics UM0244 Datasheet HTML 7Page - STMicroelectronics UM0244 Datasheet HTML 8Page - STMicroelectronics UM0244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
UM0244
Connector definition
5/11
3
Connector definition
There is no industry standard JTAG connector. Each device manufacturer differs. ST has a
specific connector and pinout for the FlashLINK Adaptor. The connector scheme on the
FlashLINK connector can accept a standard 14-pin ribbon cable connector (2 rows of 7 pins
on 0.1” centers, standard keying) or any other user specific connector that can slide onto
0.025” square posts. The pinout for the FlashLINK Adaptor connector is shown in Figure 2.
A standard ribbon cable is a good way to quickly connect to the target circuit board. If a
ribbon cable is used, then the receiving connector on the target system should be the same
connector type with the same pinout as the FlashLINK Adaptor shown in Figure 2.
Note:
The JTAG signal JTDI is sourced from the FlashLINK Adaptor and should be routed on the
target circuit board so that it connects to the JTDI input pin of the STR91x device.
The JTAG signal JTDO is an input received by the FlashLINK Adaptor and is sourced by the
STR91x device on its JTDO output pin. See Figure 3 on page 8, and Figure 4 on page 9 for
more information.
Figure 2.
Pinout for FlashLINK Adaptor and Target System JTAG connector
Note:
This diagram perspective is looking into the face of the shrouded male connector on the
FlashLINK Adaptor, 0.025-inch (0.635mm) posts on 0.100-inch (2.54mm) centers.
Connector reference: Molex 70247-1401.
Recommended ribbon cables for quick connection of the FlashLINK Adaptor to the end-
product: Samtec HCSD-07-D-06.00-01-S-N; Digikey M3CCD-14065-ND.
Note:
1
TDO is a signal destination on the FlashLINK and a signal source on the target board.
2
TDI is a signal source on the FlashLINK and a signal destination on the target board.
TDO(1)
TCK
TMS
Vcc
TDI(2)
GND
TERR
GND
GND
RST
TSTAT/JRTCK
CNTL
TRST
14
12
10
13
11
9
7
8
6
5
4
3
2
1
KEY
WAY
AI08867
JEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com