Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0463 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0463
Description  ST7 full-speed USB library
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0463 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0463 Datasheet HTML 5Page - STMicroelectronics UM0463 Datasheet HTML 6Page - STMicroelectronics UM0463 Datasheet HTML 7Page - STMicroelectronics UM0463 Datasheet HTML 8Page - STMicroelectronics UM0463 Datasheet HTML 9Page - STMicroelectronics UM0463 Datasheet HTML 10Page - STMicroelectronics UM0463 Datasheet HTML 11Page - STMicroelectronics UM0463 Datasheet HTML 12Page - STMicroelectronics UM0463 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
UM0463
The USB state machine of the control endpoint
9/30
3
The USB state machine of the control endpoint
3.1
The states
The USB state machine implemented in the library is used to handle the requests on the
control endpoint only. The state machine does not process any transactions of noncontrol
endpoints.
The USB state machine is designed to execute the SETUP requests. A SETUP request
consists of three stages: SETUP stage, data stage and status stage. The states of the state
machine are designed to match these three stages.
Figure 1.
States evaluation
Table 4.
States of USB state machine
State
Meaning
Wait_Setup
The state machine is in idle.
In_Data
The state machine is in data IN stage and is waiting for an IN data packet.
Out_Data
The state machine is in data OUT stage and is waiting to send an OUT data packet.
One_More_In
The state machine is in data IN stage and is waiting for a zero-length IN data packet when the
length of the data stream in the data stage is multiple of the maximum packet size of the
endpoint.
One_More_Out
The state machine is in data OUT stage and is waiting for sending a zero-length OUT data
packet when the length of the data stream in the data stage is a multiple of the maximum packet
size of the endpoint.
Wait_Status_In
The state machine is waiting for a status IN stage after the data OUT stage is finished, or after
the SETUP stage if there is no data stage.
Wait_Status_Out The state machine is waiting for a status OUT stage after the data IN stage is finished.
Address2Set
This is a special state to identify the process of a Set Address request.
State_Error
An error is detected, such as an invalid request.
SETUP
SETUP
SETUP
IN
OUT
IN
OUT
OUT
OUT
IN
IN
IN
Wait_Setup
In_Data
Wait_Status_In
Wait_Setup
Wait_Setup
Out_Data
Wait_Status_Out
.....
.....



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com