Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD161602AB Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # PD161602AB
Description  360/396-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD161602AB Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button PD161602AB Datasheet HTML 11Page - Renesas Technology Corp PD161602AB Datasheet HTML 12Page - Renesas Technology Corp PD161602AB Datasheet HTML 13Page - Renesas Technology Corp PD161602AB Datasheet HTML 14Page - Renesas Technology Corp PD161602AB Datasheet HTML 15Page - Renesas Technology Corp PD161602AB Datasheet HTML 16Page - Renesas Technology Corp PD161602AB Datasheet HTML 17Page - Renesas Technology Corp PD161602AB Datasheet HTML 18Page - Renesas Technology Corp PD161602AB Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Data Sheet S15381EJ1V0DS
13
µµµµPD161602A/B
6. RELATIONSHIP BETWEEN INPUT DATA AND OUTPUT VOLTAGE VALUE
The relation between input data and output voltage are shown in Table 6
−2, 6−3.
Any 3 major points V1 to V3 from the LCD panel
γ-characteristics curve can be used as the external power supplies.
The relationship V0 to V4 external power supplies and
γ-correction resistance is shown in Table 6−1, Figure 6−1.
Table 6–1. Relationship between External Power Supply Pins and
γγγγ-correction Resistance
Pin Name
Voltage (V)
Resistance (
Ω)
V0
5.0
0
V1
3.5
7,500
V2
2.5
12,500
V3
1.5
17,500
V4
0
25,000
Figure 6–1. Relationship between External Power Supply Pins and
γγγγ-correction Resistance
V0
V1
V2
V3
V4
VDD2
VSS2
7500
Ω
5000
Ω
5000
Ω
7500
Ω
This external power supply pins (V0 to V4) can customize the
γ-correction voltage by selecting the desired voltage
from one of 250 divisions of the string resistor between VSS2 and VDD2, which generated
γ-correction voltage. Note
that the voltage can be selected individually for both positive and negative polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com