Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD168002 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PD168002
Description  MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD168002 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PD168002_15 Datasheet HTML 9Page - Renesas Technology Corp PD168002_15 Datasheet HTML 10Page - Renesas Technology Corp PD168002_15 Datasheet HTML 11Page - Renesas Technology Corp PD168002_15 Datasheet HTML 12Page - Renesas Technology Corp PD168002_15 Datasheet HTML 13Page - Renesas Technology Corp PD168002_15 Datasheet HTML 14Page - Renesas Technology Corp PD168002_15 Datasheet HTML 15Page - Renesas Technology Corp PD168002_15 Datasheet HTML 16Page - Renesas Technology Corp PD168002_15 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet S16040EJ1V0DS
11
µ PD168002
Figure7
−2. H-bridge Switching Waveform (when SEL12 = H)
100%
10%
90%
10%
10%
90%
90%
ton
toff
tf
tr
IOUT
VINA
IOUT
VINA
Hi-Z
Hi-Z
OUT1A
→ OUT1B
100%
10%
90%
10%
90%
10%
90%
toff
ton
tr
tr
OUT1B
→ OUT1A
OUT1B
→ OUT1A
Brake
When VINB = H Note
When VINB = L
Note The conditions of VINB = H is valid only at ch1, ch2 and ch6. The through current may be flowed, if the switching
operation is performed under the conditions of VINB = H at ch3 to ch5.
Remark The high impedance period of about 50 ns is prepared for the through-current prevention at the time of mode
switching. The tr (rise time) is designed as 50 ns, and the tf (fall time) is designed as about 50 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com