Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD703223 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # PD703223
Description  V850ES/GB1TM VENUS 32-/16-bit Single-Chip Microcontroller with CAN Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD703223 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button PD703223_15 Datasheet HTML 17Page - Renesas Technology Corp PD703223_15 Datasheet HTML 18Page - Renesas Technology Corp PD703223_15 Datasheet HTML 19Page - Renesas Technology Corp PD703223_15 Datasheet HTML 20Page - Renesas Technology Corp PD703223_15 Datasheet HTML 21Page - Renesas Technology Corp PD703223_15 Datasheet HTML 22Page - Renesas Technology Corp PD703223_15 Datasheet HTML 23Page - Renesas Technology Corp PD703223_15 Datasheet HTML 24Page - Renesas Technology Corp PD703223_15 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
19
DATA SHEET U15870EE1V1DS00
µPD703223, µPD703224, µPD703225, µPD703226
2.2 General Characteristics
2.2.1 I/O capacitance
TA = 25°C, VDD50 = VDD51 = VSS51 = VSS30 = VSS31 = AVDD = AVSS = 0 V
2.2.2 Main oscillator characteristics
TA = -40°C to +85°C, VDD50 = VDD51 = AVDD = 4.0 V ~ 5.5 V, VSS30 = VSS31 = VSS51 = AVSS = 0 V
Notes: 1. Indicates only the oscillation circuit characteristics. Refer to “AC Characteristic” for CPU
operation clock.
2. Time, which is required for internal stabilization. The OSTS register has to be set to a time,
which is longer than above defined values, before entering either WATCH or STOP mode.
3. After VDD5X reaches oscillator voltage range MIN. 4.0 V
4. Start-up time of external crystal or resonator is not included and must be checked with res-
onator supplier.
5. Typical value differs depending on settings of the Oscillation Stabilization Time Selection
register (OSTS)
6. To release watch mode, minimum 10-clock cycles time is required. If sub clock is used to
recover from watch mode, minimum time for watch mode release is determined by this
10-clock cycles.
Table 2-2:
I/O Capacitance
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Input capacitance
CI
fC = 1 MHz
Unmeasured pins
returned to 0 V
15
pF
Input/output capacitance
CIO
15
pF
Output capacitance
CO
15
pF
Table 2-3:
Main Oscillator Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Main oscillator frequency
fXX
Note 1
816
MHz
Oscillation stabilization
time Note 2, 3
TOST
After Reset Note 4
217/fXX
ms
After Stop mode Note 4
2
Note 5
ms
After Watch mode Note 6
100
Note 5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com