Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT3471 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3471
Description  Dual 1.3A, 1.2MHz Boost/Inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3471 Datasheet(HTML) 3 Page - Linear Technology

  LT3471 Datasheet HTML 1Page - Linear Technology LT3471 Datasheet HTML 2Page - Linear Technology LT3471 Datasheet HTML 3Page - Linear Technology LT3471 Datasheet HTML 4Page - Linear Technology LT3471 Datasheet HTML 5Page - Linear Technology LT3471 Datasheet HTML 6Page - Linear Technology LT3471 Datasheet HTML 7Page - Linear Technology LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT3471
3
3471fb
ELECTRICAL CHARACTERISTICS
Quiescent Current
vs Temperature
VREF Voltage vs Temperature
VREF Voltage vs VREF Current
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN Input Voltage Low
Quiescent Current ≤ 1μA
0.3
V
SHDN Pin Bias Current
VSHDN = 3V, VIN = 4V
VSHDN = 0V
22
0
36
0.1
μA
μA
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN = VSHDN = 3V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3471E is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: Current flows out of the pin.
Note 4: See Typical Performance Characteristics for guaranteed current
limit vs duty cycle.
Note 5: VCESAT is 100% tested at wafer level only.
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–50
–25
1.6
2.0
2.6
0
50
75
3471 G01
1.8
2.4
2.2
25
100
125
TEMPERATURE (°C)
–50
–25
0.990
1.000
1.010
0
50
75
3471 G02
0.995
1.005
25
100
125
VREF CURRENT 200μA/DIV
3471 G03
VREF
VOLTAGE
100mV/DIV
SHDN/SS Current
vs SHDN/SS Voltage
Current Limit vs Duty Cycle
Switch Saturation Voltage
vs Switch Current
SHDN/SS VOLTAGE 1V/DIV
3471 G04
SHDN/SS
CURRENT
20μV/DIV
VIN = 3.3V
VIN > VSHDN/SS
DUTY CYCLE (%)
0
1.2
1.6
2.2
2.0
80
3471 G05
0.8
0.4
1.0
1.4
1.8
0.6
0.2
0
20
40
60
100
TYPICAL
GUARANTEED
TA = 25°C
SW CURRENT (A)
0
800
700
600
500
400
300
200
100
0
1.6
3471 G06
0.4
0.8
1.2
2.0
1.4
0.2
0.6
1.0
1.8
90°C
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com