Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3992 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3992
Description  Using an STM8L162M8 AES hardware accelerator with a CR95HF to encrypt contactless tag data memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3992 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3992 Datasheet HTML 3Page - STMicroelectronics AN3992 Datasheet HTML 4Page - STMicroelectronics AN3992 Datasheet HTML 5Page - STMicroelectronics AN3992 Datasheet HTML 6Page - STMicroelectronics AN3992 Datasheet HTML 7Page - STMicroelectronics AN3992 Datasheet HTML 8Page - STMicroelectronics AN3992 Datasheet HTML 9Page - STMicroelectronics AN3992 Datasheet HTML 10Page - STMicroelectronics AN3992 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
AN3992
Overview
Doc ID 022369 Rev 3
7/22
2
Overview
2.1
AES cryptography overview
The purpose of cryptography is to protect sensitive data to avoid it from being read by
unauthorized persons. There are many algorithms that implement cryptography. These
techniques can be split into:
●
Asymmetric cryptography algorithms: These algorithms use a key to encrypt and
another key to decrypt messages. RSA and DSA are examples of this type of
algorithm.
●
Symmetric cryptography algorithms: These algorithms use the same key to encrypt
and decrypt messages. Advanced Encryption Standard (AES), Data Encryption
Standard (DES) are examples of this type of algorithm.
The Advanced Encryption Standard (AES) specifies a FIPS-approved cryptography
algorithm that can be used to protect electronic data. AES exists in three versions: 128-bit,
192-bit and 256-bit.
2.2
CR95HF overview
The CR95HF device is an RF transceiver IC for contactless application (ISO/IEC 15693,
ISO/IEC 14443-3 and ISO/IEC 18092). It manages the RF communication with RFID or
NFC contactless tags. It includes frame coding, RF modulation and contactless tag
response decoding.
The CR95HF is a slave device. A host (such as an MCU) is required to control it.
2.3
STM8L162M8 overview
High-density STM8L162M8 microcontrollers have an embedded AES 128-bit hardware
accelerator to off-load the CPU from encryption or decryption tasks. This AES peripheral is
a fully compliant implementation of the AES standard as defined by the FIPS publication
(FIPS PUB 197, 2001 November 26).
This application note applies to STM8L162M8 high-density devices with built-in AES
peripheral. The software supplied with this application note provides an implementation of
some commonly used AES chaining modes (ECB, CBC, CFB, OFB and CTR).
For more detailed information, you should refer to the AES section of the STM8L15x and
STM8L16x microcontroller family reference manual (RM0031).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com