Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4038 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4038
Description  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 13Page - STMicroelectronics AN4038 Datasheet HTML 14Page - STMicroelectronics AN4038 Datasheet HTML 15Page - STMicroelectronics AN4038 Datasheet HTML 16Page - STMicroelectronics AN4038 Datasheet HTML 17Page - STMicroelectronics AN4038 Datasheet HTML 18Page - STMicroelectronics AN4038 Datasheet HTML 19Page - STMicroelectronics AN4038 Datasheet HTML 20Page - STMicroelectronics AN4038 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
AN4038
STM8TL5xxx sensitivity setting
Doc ID 022686 Rev 1
17/39
3.5
Approach speed and environmental change
The STM8TL5xxx can compensate environmental change thanks to the ECS (environment
control system) feature. Power supply voltage, temperature, and air humidity variation may
induce a slow variation of the acquisition signal.
The ECS mechanism forces the reference to follow slow evolutions of the signal. It is based
on a infinite response digital low pass filter. The sampling frequency of the low pass filter is
programmable. The low pass filter uses a coefficient ‘K’. The higher K is, the faster the
response is.
Figure 14 shows the delta signal variation (current measurement - reference) versus
distance between a hand and an electrode. This measurement was performed with
electrode #10 (refer to Figure 2) with a target reference of 300 burst counts.
Figure 14.
Delta burst count versus hand distance
A hand moving at a constant speed causes a higher delta variation (larger projected
capacitance variation) nearer the sensor plate than when it is far from it.
Depending on the desired approach speed for the proximity system, the ECS can
compensate part of the variation induced by the approach of a hand/finger. This occurs
mainly when the hand/finger is far from the electrode and has entered the electrode field. In
this case, the detection distance can be reduced by the ECS feature. In most applications,
the default ECS K factor is fine, but for slow speed approach detection needs, the K factor
can be increased to slow down the ECS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com