Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0575 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0575
Description  The e-STARTER demonstration board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0575 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0575 Datasheet HTML 5Page - STMicroelectronics UM0575 Datasheet HTML 6Page - STMicroelectronics UM0575 Datasheet HTML 7Page - STMicroelectronics UM0575 Datasheet HTML 8Page - STMicroelectronics UM0575 Datasheet HTML 9Page - STMicroelectronics UM0575 Datasheet HTML 10Page - STMicroelectronics UM0575 Datasheet HTML 11Page - STMicroelectronics UM0575 Datasheet HTML 12Page - STMicroelectronics UM0575 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
UM0575
Board performances
9/20
The two resistors which are mainly dissipating power at standby are:
●
R2 - used to provide T2 with gate current during the e-STARTER on state
●
R3 - used to sense the voltage level across the PTC
As R2 is connected just behind the diodes’ bridges, the VAK voltage is applied across it, in
full-wave mode. R3 senses only half the voltage across the PTC and T1. This voltage is also
equal to VAK as T1 is OFF, and so no current is circulating through the PTC.
We can neglect the voltage drops of M1 and of C1, which are lower than 0.6 V and 16 V
respectively. The power losses, dissipated by the two resistors, are given by the following
equations:
Equation 1
An example with R2 = 470 k
Ω and R3 = 510 kΩ gives:
●
For a 230 V / 50 Hz application using a run capacitor, VAK can reach up to 350 V RMS.
The overall power losses then equal 380 mW.
●
For a 100 V / 60 Hz application using or not a run capacitor, VAK stays around the line
voltage, i.e at worst 115 V RMS. The overall power losses then equal 41 mW.
2.3
Fast transient voltages
Immunity tests, as described by the IEC 61000-4-4 standard, have been performed with the
schematics of Figure 5, connected in series with a compressor without a RUN or START
capacitor. e-STARTER spurious triggerings have not been detected with spikes up to 2 kV.
This high immunity level has been reached thanks to:
●
the high dV/dt capability of the ACST6
●
the improved dV/dt capability of the very sensitive SCR X0202M (20 µA < Igt < 50 µA)
thanks to the fact that its gate is short-circuited to the cathode via M1 in OFF state, and
also thanks to the R6-C4 snubber circuit
●
the RGK (R7) resistor which is added on the ACST6 device to derivate the current
provided by R2 when M1 is ON
●
the immunity provided by the layout of the printed circuit board (refer to Figure 15)
It should be noted that spurious triggering of the e-STARTER is not a problem as such
behavior is not seen by the end user, and as these turn-ons do not lead to any component
failure.
2.4
Surge voltages
The ACST6 device is an overvoltage protected device which means that it can be used
without any varistor in parallel with its terminals. If a high energy surge is applied to the
⎪
⎪
⎩
⎪⎪
⎨
⎧
⋅
=
=
3
R
V
2
1
P
2
R
V
P
2
AK
3
R
2
AK
2
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com