Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0805 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0805
Description  EVALSPEAr600 - evaluation board for the SPEAr600
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0805 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0805 Datasheet HTML 5Page - STMicroelectronics UM0805 Datasheet HTML 6Page - STMicroelectronics UM0805 Datasheet HTML 7Page - STMicroelectronics UM0805 Datasheet HTML 8Page - STMicroelectronics UM0805 Datasheet HTML 9Page - STMicroelectronics UM0805 Datasheet HTML 10Page - STMicroelectronics UM0805 Datasheet HTML 11Page - STMicroelectronics UM0805 Datasheet HTML 12Page - STMicroelectronics UM0805 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
UM0805
Block descriptions
Doc ID 16304 Rev 3
9/29
6
Block descriptions
6.1
Dynamic memory subsystem
The Dynamic memory subsystem is composed of three major parts:
6.1.1
Memory chip
The memory used is a Micron DDR2 device and its part number is: MT47H64M16HR-3. Its
size is 128 Mb x 8 (16 Mb x 8 x 8 banks).
6.1.2
Local power supply
It is based on a linear regulator with a low drop voltage (LD1117-1.8). It is generated locally
in order to minimize the layout impact and also to avoid any noise injection between different
subsystems.
6.1.3
Signal termination
A parallel termination is added on the clock lines to compensate, if needed, the layout
dissymmetry. Two 100 Ohm resistors are used for each line in order to obtain an impedance
of 50 ohms. All the other terminations are directly inside the pads (both on the SPEAr600
and the memory sides).
6.2
Static memory subsystem
6.2.1
Serial Flash memory
This block is based on an M25P64 ST Serial Flash memory device. The size of this chip is 8
MB and with both the two banks populated we have a total of 16 Mbytes.
A switch (SW2-2) is also provided to protect the Flash memory from any unwanted write
access.
6.2.2
Serial I2C EEPROM
This block is based on the M24C04W ST Serial I2C EEPROM. The size of this chip is 4 Kb.
It also has a switch (SW2-3) to protect the EEPROM from unwanted write access.
6.2.3
NAND Flash memory
This block is based on ST NAND Flash NAND512W3A (U12) its size is 64 MB and its bus
width x8. If required this chip can be replaced and another can be used. To do this, deselect
the on-board Flash by removing jumper JP5 and connect an adapter board on J21.
Figure 4.
NAND Flash memory selection
1
2
3
JP 5
U12
D e-selected
1
2
3
JP 5
U12
Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com