| Electronic Components Datasheet Search |
|
UM0844 Datasheet(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0844 Datasheet(HTML) 27 Page - STMicroelectronics |
|
27 / 43 page ![]() UM0844 Working at application level (userland) Doc ID 16544 Rev 3 27/43 4 Working at application level (userland) 4.1 Workflow models When working at application level (the so-called "userland") developers are only concerned with programs and libraries stored in a root filesystem. Instead, boot loaders and the kernel are assumed to be stable and stored in Flash memory. There are many approaches (workflows) to modify/extend the root file system for specific application scenarios; the main ones are described in the following subsections. 4.1.1 Remote mounting of the root filesystem (NFS) If the board can be connected to the development PC through a Ethernet LAN, the most practical solution is to leave the root filesystem stored on the PC and remotely mount it on the target embedded Linux OS through the NFS protocol. The advantages of this approach are the following: ● The root filesystem has no global size constraints. Developers can keep hundreds or thousands of packages (programs and libraries) in a directory of their PC disk. All file access from the Linux OS running on the board is performed over the network in a transparent way. Files are not copied to Flash memory, but loaded to DDR RAM strictly on demand. ● A program or library can be simply built (compiled and linked) with the output file on the PC disk; the new version is then available for execution on the board without any need for manual transfer or board reboot The drawbacks are: ● File access by NFS over LAN can be slower than direct Flash memory access ● There is no early assessment of which files are actually used and of the overall required size for future migration to Flash memory To remotely mount the root filesystem, you have to configure and start the NFS server on Linux PC. Assuming the NFS server functionality is already provided by your host, the only configuration is an entry for your target root directory to your /etc/exports file, for example: /opt/STM/STLinux-2.3/devkit/arm/target 192.168.0.0/24 (rw,no_root_squash,sync) This line exports the /opt/STM/STLinux-2.3/devkit/arm/target directory with read and writes permissions to all hosts on the 192.168.0.0 subnet. To check NFS availability and start the services, use the following commands (from user root account): # rpm -q nfs-utils After modifying the /etc/exports file, you must make sure the NFS system is notified about the change, for example by running the command: # service portmap start Starting portmap: [ OK ] |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |