Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0853 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0853
Description  M24LRxx application software user guide
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0853 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0853 Datasheet HTML 3Page - STMicroelectronics UM0853 Datasheet HTML 4Page - STMicroelectronics UM0853 Datasheet HTML 5Page - STMicroelectronics UM0853 Datasheet HTML 6Page - STMicroelectronics UM0853 Datasheet HTML 7Page - STMicroelectronics UM0853 Datasheet HTML 8Page - STMicroelectronics UM0853 Datasheet HTML 9Page - STMicroelectronics UM0853 Datasheet HTML 10Page - STMicroelectronics UM0853 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
UM0853
Tool kit descriptions
Doc ID 16609 Rev 3
7/56
2
Tool kit descriptions
2.1
M24LRxx development kit
Ordering information: DEVKIT-M24LR-A
The development kit contains:
●
A middle-range RF reader (ISO 15693, RF 13.56 MHz) interfaced via the USB bus and
an external power supply to have a greater read range. Figure 1 shows the RF reader.
●
An external antenna, shown in Figure 2.
●
A serial EEPROM USB reader, shown in Figure 3: it is an I²C bus reader (interfaced via
the USB bus).
●
An I2C bus cable to connect the serial EEPROM USB reader to the I2C bus of the
reference antenna. Figure 4 shows the cable to use.
●
M24LR64-R reference antennas:
–
ANT1-M24LR-A shown in Figure 5:
RF antenna size: 75 mm × 45 mm (2.9 in × 1.77 in)
–
ANT2-M24LR-A shown in Figure 6:
RF antenna size: 20 mm × 40 mm (0.79 in × 1.57 in)
●
M24LRxx samples in SO8 package (see Figure 7)
Figure 1.
RF reader (ISO 15693, RF 13.56 MHz)
Figure 2.
External antenna
ai17541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com