Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLL-E12B63-061-R25 Datasheet(PDF) 1 Page - BetLux Electronics

Part # TLL-E12B63-061-R25
Description  Mushroom shape bulb
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

TLL-E12B63-061-R25 Datasheet(HTML) 1 Page - BetLux Electronics

  TLL-E12B63-061-R25 Datasheet HTML 1Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
  
LED Spot Lamp
TLL-E12B63-061-XX
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V. 1
Page 1 of 1
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
■  Features:
Ø
Mushroom shape bulb
Ø
Ball Bulb ¢63
Ø
Product Number:   TLL-E12B63-061-XX
Ø
Led quautity:   25pcs/32pcs
Ø
Voltage:   110V/220-240V
Ø
Color:   Red/ yellow/ blue/ green/ white/ orange/ purple
Ø
Base:   E12
Ø
Life time:   50000 hours
Ø
Weight:   0.13 kgs/pcs
n
Applications
widely used in Super Market, Hotel, Tavern, Night Club, Disco Hall, Karaoke Room, Coffee House, Bank, Meeting Room,
Exhibition Hall, Exhibition Wardrobe, Show Window, Living House.
n
Electrical-optical characteristics (Ta=25°C)
Part Number
LED#
Color
Voltage
Watts
(W)
Brightness
(LM)
Life
(H)
Base
TLL-E12B63-061-R25
25
Red
110/220
2.5
14
50000
E27
TLL-E12B63-061-Y25
25
Yellow
110/220
2.5
17
50000
E27
TLL-E12B63-061-B25
25
Blue
110/220
2.5
17
50000
E27
TLL-E12B63-061-G25
25
Green
110/220
2.5
32
50000
E27
TLL-E12B63-061-w25
25
White
110/220
2.5
39
50000
E27
TLL-E12B63-061-R32
32
Red
110/220
3
18
50000
E27
TLL-E12B63-061-Y32
32
Yellow
110/220
3
21
50000
E27
TLL-E12B63-061–B32
32
Blue
110/220
3
21
50000
E27
TLL-E12B63-061-G32
32
Green
110/220
3
40
50000
E27
TLL-E12B63-061-w32
32
White
110/220
3
50
50000
E27
■  Drawing
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±1mm(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice
E27
63


Similar Part No. - TLL-E12B63-061-R25

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLL-E12S-061 BETLUX-TLL-E12S-061 Datasheet
40Kb / 1P
Save-Lamp
REV NO: V. 1
TLL-E12S-061-B25 BETLUX-TLL-E12S-061-B25 Datasheet
40Kb / 1P
Save-Lamp
REV NO: V. 1
TLL-E12S-061-G25 BETLUX-TLL-E12S-061-G25 Datasheet
40Kb / 1P
Save-Lamp
REV NO: V. 1
TLL-E12S-061-R25 BETLUX-TLL-E12S-061-R25 Datasheet
40Kb / 1P
Save-Lamp
REV NO: V. 1
TLL-E12S-061-R32 BETLUX-TLL-E12S-061-R32 Datasheet
40Kb / 1P
Save-Lamp
REV NO: V. 1
More results

Similar Description - TLL-E12B63-061-R25

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2PAM ALTECH-2PAM Datasheet
270Kb / 1P
Padlock for mushroom actuator
logo
OSRAM GmbH
CLASSICA7512W OSRAM-CLASSICA7512W Datasheet
189Kb / 4P
PARATHOM CLASSIC A | LED lamps, classic bulb shape
logo
Festo Corporation.
DHEF-20-A-RA1 FESTO-DHEF-20-A-RA1 Datasheet
105Kb / 2P
Adaptive shape gripper
logo
Schneider Electric
9001KR24G SCHNEIDER-9001KR24G Datasheet
163Kb / 2P
30MM MUSHROOM OPERATOR GREEN
Dec 23, 2021
9001KR24R SCHNEIDER-9001KR24R Datasheet
107Kb / 2P
30MM MUSHROOM OPERATOR RED
Dec 23, 2021
9001KR25G SCHNEIDER-9001KR25G Datasheet
118Kb / 2P
30MM MUSHROOM OPERATOR GREEN
Dec 23, 2021
9001KR25R SCHNEIDER-9001KR25R Datasheet
170Kb / 2P
30MM MUSHROOM OPERATOR RED
Dec 23, 2021
9001SKR16H13 SCHNEIDER-9001SKR16H13 Datasheet
144Kb / 5P
30mm SK TTR Mushroom
Jan 12, 2022
9001SKR16H2 SCHNEIDER-9001SKR16H2 Datasheet
145Kb / 5P
30mm SK TTR Mushroom
Jan 12, 2022
logo
Suzhou Maswell Communic...
AN_GSM_003L MASWELL-AN_GSM_003L Datasheet
339Kb / 4P
700/900/1800/2700 MHz Cellular Antenna Mushroom Shape for 4G LTE 3G Screw Mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com