Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLL-E27B90-061-R25 Datasheet(PDF) 1 Page - BetLux Electronics

Part # TLL-E27B90-061-R25
Description  Ball Bulb , 90mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

TLL-E27B90-061-R25 Datasheet(HTML) 1 Page - BetLux Electronics

  TLL-E27B90-061-R25 Datasheet HTML 1Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
  
LED Ball Bulb
TLL-E27B90-061-XX
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V. 1
Page 1 of 1
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
■  Features:
Ø
Ball Bulb , 90mm
Ø
Product Number:   TLL-E27B90-061-XX
Ø
Led quautity:   18pcs/25pcs
Ø
Voltage:   110V/220-240V
Ø
Color:   Red/ yellow/ blue/ green/ white/ orange/ purple
Ø
Base:   E27
Ø
Life time:   50000 hours
Ø
Weight:   0.13 kgs/PCS
n
Applications
Widely used for decoration field such as super market, hotel, tavern,
meeting-room, exhibition hall, show window, disco, karaoke singing-hall,
house decoration, hotels, etc.
n
Electrical-optical characteristics (Ta=25°C)
Part Number
LED#
Color
Voltage
Watts
(W)
Brightness
(LM)
Life
(H)
Base
TLL-E27B90-061-R18
18
Red
110/220
1.5
11
50000
E27
TLL-E27B90-061-Y18
18
Yellow
110/220
1.5
12
50000
E27
TLL-E27B90-061-B18
18
Blue
110/220
1.5
12
50000
E27
TLL-E27B90-061-G18
18
Green
110/220
1.5
23
50000
E27
TLL-E27B90-061-w18
18
White
110/220
1.5
29
50000
E27
TLL-E27B90-061-R25
25
Red
110/220
2.5
14
50000
E27
TLL-E27B90-061-Y25
25
Yellow
110/220
2.5
17
50000
E27
TLL-E27B90-061-B25
25
Blue
110/220
2.5
17
50000
E27
TLL-E27B90-061-G25
25
Green
110/220
2.5
32
50000
E27
TLL-E27B90-061-w25
25
White
110/220
2.5
39
50000
E27
■  Drawing
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±1mm(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice
90(3.54)
67(2.64)


Similar Part No. - TLL-E27B90-061-R25

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLL-E27B120-061 BETLUX-TLL-E27B120-061 Datasheet
36Kb / 1P
Ball Bulb ,120mm
REV NO: V. 1
TLL-E27B120-061-B25 BETLUX-TLL-E27B120-061-B25 Datasheet
36Kb / 1P
Ball Bulb ,120mm
REV NO: V. 1
TLL-E27B120-061-G25 BETLUX-TLL-E27B120-061-G25 Datasheet
36Kb / 1P
Ball Bulb ,120mm
REV NO: V. 1
TLL-E27B120-061-R25 BETLUX-TLL-E27B120-061-R25 Datasheet
36Kb / 1P
Ball Bulb ,120mm
REV NO: V. 1
TLL-E27B120-061-R32 BETLUX-TLL-E27B120-061-R32 Datasheet
36Kb / 1P
Ball Bulb ,120mm
REV NO: V. 1
More results

Similar Description - TLL-E27B90-061-R25

ManufacturerPart #DatasheetDescription
logo
Kepont Electronics, Inc...
KEST-482BW KEPONT-KEST-482BW Datasheet
188Kb / 1P
Ball Bearing
logo
Dialight Corporation
HLC324CB DIALIGHT-HLC324CB Datasheet
94Kb / 1P
90mm LED Headlamps
logo
BetLux Electronics
TLL-E27B60-061 BETLUX-TLL-E27B60-061 Datasheet
35Kb / 1P
Ball Bulb , 60mm
REV NO: V. 1
TLL-E27B120-061 BETLUX-TLL-E27B120-061 Datasheet
36Kb / 1P
Ball Bulb ,120mm
REV NO: V. 1
logo
ORION FANS
OA180AP_IP55 ORIONFANS-OA180AP_IP55 Datasheet
76Kb / 1P
AC Fan - 230V 180 x 90mm (7.1??x 3.5??
logo
Crydom Inc.,
GNR25BCZ CRYDOM-GNR25BCZ Datasheet
702Kb / 6P
GNR 90mm Series
logo
Festo Corporation.
1692198 FESTO-1692198 Datasheet
87Kb / 2P
Ball valve
11/22/21
1692201 FESTO-1692201 Datasheet
86Kb / 2P
Ball valve
11/22/21
1692202 FESTO-1692202 Datasheet
88Kb / 2P
Ball valve
11/22/21
4405650 FESTO-4405650 Datasheet
94Kb / 2P
Ball valve
11/23/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com