Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLL-GU10F3W-061-R Datasheet(PDF) 1 Page - BetLux Electronics

Part # TLL-GU10F3W-061-R
Description  Spot Lamp High Power, GU10 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

TLL-GU10F3W-061-R Datasheet(HTML) 1 Page - BetLux Electronics

  TLL-GU10F3W-061-R Datasheet HTML 1Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
  
LED Spot Lamp, High power, 3W
TLL-GU10F3W-061
APPROVED : XU L CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.1
Page 1 of 1
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
■  Features:
Ø
Spot Lamp High Power, GU10 base
Ø
Product Number:   TLL-GU10F3W-061
Ø
Led quantity:   3w * 1pcs
Ø
Voltage:   12/110/220v
Ø
Color:   Red/ yellow/ blue/ green/ white/ orange/ purple
Ø
Life time:   50000 hours
Ø
Weight:   50g/pcs
n
Applications
widely used in Super Market, Hotel, Tavern, Night Club, Disco Hall, Karaoke Room, Coffee House, Bank, Meeting Room,
Exhibition Hall, Exhibition Wardrobe, Show Window, Living House.
n
Electrical-optical characteristics (Ta=25°C)
Watts
Life
Part Number
LED#
Color
Voltage
(W)
Brightness
(LM)
(H)
Base
Equal to
Conventional
Lamp
TLL-GU10F3W-061-R
3w*1pcs
Red
12
3
50
50000
GU10
50W
TLL-GU10F3W-061-Y
3w*1pcs
Yellow
12
3
55
50000
GU10
50W
TLL-GU10F3W-061-B
3w*1pcs
Blue
12
3
55
50000
GU10
50W
TLL-GU10F3W-061-G
3w*1pcs
Green
12
3
80
50000
GU10
50W
TLL-GU10F3W-061-W
3w*1pcs  White
12
3
80
50000
GU10
50W
■  Drawing
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±1mm(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice
10(0.39)
50(1.97)


Similar Part No. - TLL-GU10F3W-061-R

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLL-GU10F1W-061 BETLUX-TLL-GU10F1W-061 Datasheet
37Kb / 1P
Spot Lamp High Power, GU10 base
REV NO: V. 1
TLL-GU10F1W-061-B BETLUX-TLL-GU10F1W-061-B Datasheet
37Kb / 1P
Spot Lamp High Power, GU10 base
REV NO: V. 1
TLL-GU10F1W-061-G BETLUX-TLL-GU10F1W-061-G Datasheet
37Kb / 1P
Spot Lamp High Power, GU10 base
REV NO: V. 1
TLL-GU10F1W-061-R BETLUX-TLL-GU10F1W-061-R Datasheet
37Kb / 1P
Spot Lamp High Power, GU10 base
REV NO: V. 1
TLL-GU10F1W-061-W BETLUX-TLL-GU10F1W-061-W Datasheet
37Kb / 1P
Spot Lamp High Power, GU10 base
REV NO: V. 1
More results

Similar Description - TLL-GU10F3W-061-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GU10X-005-3000 ETC2-GU10X-005-3000 Datasheet
310Kb / 5P
GU10 5W High Power LED Lamp
GU10X-007-3000 ETC2-GU10X-007-3000 Datasheet
307Kb / 5P
GU10 7W High Power LED Lamp
logo
BetLux Electronics
TLL-GU10-061 BETLUX-TLL-GU10-061 Datasheet
36Kb / 1P
Spot Lamp Series GU10
REV NO: V. 1
TLL-GU10F1W-061 BETLUX-TLL-GU10F1W-061 Datasheet
37Kb / 1P
Spot Lamp High Power, GU10 base
REV NO: V. 1
TLL-GU10HT3W-061 BETLUX-TLL-GU10HT3W-061 Datasheet
36Kb / 1P
Spot Lamp High Power, GU10 base
REV NO: V. 1
TLL-JDR-061 BETLUX-TLL-JDR-061 Datasheet
35Kb / 1P
JDR LED Spot Lamp
REV NO: V. 1
TLL-MR16F1W-061 BETLUX-TLL-MR16F1W-061 Datasheet
38Kb / 1P
Spot Lamp High Power, MR16 base
REV NO: V.1
TLL-MR16F3W-061 BETLUX-TLL-MR16F3W-061 Datasheet
38Kb / 1P
Spot Lamp High Power, MR16 base
REV NO: V.1
TLL-MR16H1W-061 BETLUX-TLL-MR16H1W-061 Datasheet
39Kb / 1P
Spot Lamp High Power, MR16 base
REV NO: V.1
TLL-MR16HT3W-061 BETLUX-TLL-MR16HT3W-061 Datasheet
38Kb / 1P
Spot Lamp High Power, MR16 base
REV NO: V.1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com