Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4157 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4157
Description  STM32F3DISCOVERY peripheral firmware examples
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4157 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4157 Datasheet HTML 3Page - STMicroelectronics AN4157 Datasheet HTML 4Page - STMicroelectronics AN4157 Datasheet HTML 5Page - STMicroelectronics AN4157 Datasheet HTML 6Page - STMicroelectronics AN4157 Datasheet HTML 7Page - STMicroelectronics AN4157 Datasheet HTML 8Page - STMicroelectronics AN4157 Datasheet HTML 9Page - STMicroelectronics AN4157 Datasheet HTML 10Page - STMicroelectronics AN4157 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AN4157
Peripheral firmware examples description
Doc ID 023629 Rev 1
7/24
3
Peripheral firmware examples description
3.1
ADC example
3.1.1
Purpose
This example describes how to use the ADC1 to convert continuously the voltage applied to
a given analog input channel.
3.1.2
Description
In this example, detailed steps of ADC configuration are provided starting from GPIO
configuration to the analog channel configuration without forgetting the ADC calibration
procedure. The ADC1 Channel7(PC1) is used as directly connected to the external power
supply (ranges between 0 and 3.3V).
The converted voltage is stored in the ADC1ConvertedVoltage variable.
3.2
CRC 8-bit message example
3.2.1
Purpose
This example describes how to use the CRC peripheral in order to compute 8-bit CRC
checksum of a message.
3.2.2
Description
In this example:
●
The CRC peripheral is configured to use the 8-bit CRC polynomial x8 + x7 + x6 + x4 +
x2 + 1 with the initialization value set to 0.
●
The message is declared as an array and labeled "CRCBuffer". The expected CRC
value is already computed using an on line CRC tool. Once the CRC value is
computed, the computed CRC value is compared to the expected one.
●
In case of match the Blue led LD4 is turned on.
●
Otherwise the led LD3 is turned on.
3.3
DAC signal generation example
3.3.1
Purpose
This example describes how to use the DAC peripheral to generate several signals using
DMA controller.
3.3.2
Description
In this example, when the user presses the push-button, DMA transfers two selected
waveforms to the DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com