Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4193 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4193
Description  Low duty cycle operation with the SPIRIT1 transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4193 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4193 Datasheet HTML 1Page - STMicroelectronics AN4193 Datasheet HTML 2Page - STMicroelectronics AN4193 Datasheet HTML 3Page - STMicroelectronics AN4193 Datasheet HTML 4Page - STMicroelectronics AN4193 Datasheet HTML 5Page - STMicroelectronics AN4193 Datasheet HTML 6Page - STMicroelectronics AN4193 Datasheet HTML 7Page - STMicroelectronics AN4193 Datasheet HTML 8Page - STMicroelectronics AN4193 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AN4193
Overview of low duty cycle mode
Doc ID 023837 Rev 1
5/10
Finally, the parameter t
RX
can be set based on the following equation:
Equation 2
This will ensure that a node doing RX in LDC mode will be able to receive a packet sent by
a transmitter, which repeats the message for a certain period of time.
Figure 2 shows the minimum RX ON time to ensure a valid sync is captured.
Figure 2.
RX on minimum time for RX timeout on sync
The transmitter needs to repeat the packet to be transmitted for at least t
LDC_cycle
. From this
we can see how the consumption of the receiver is reduced at the expenses of increasing
the consumption on the transmitter side and increasing the latency of response. This may
be perfectly acceptable and desirable, for example, in applications where the receiver is
battery-operated and the transmitter is powered by mains.
1.1.2
RX timeout using RSSI
In this mode, the receiver timeout is stopped upon detection of signal energy above a
certain user defined threshold. This mode will further reduce average power consumption by
decreasing the time when receiver must be on. On the other hand this mode will add some
further burden on the micro which needs to check that a valid message is received within a
user defined timeout.
In this mode, the SPIRIT1 cycles between RX active and sleep as described in
Figure 1; the
only difference is that the minimum time t
RX
will be much smaller than that described in
Section 1.1.1. The time to measure RSSI of the incoming signal will vary according to the
RX filter bandwidth shown in
Table 3.
l
packet
Length of the packet in bits
t
interpacket
Delay between two consecutive transmissions; it is the cumulative time of interrupt
response time, reload of the TX fifo, send TX command, ready to TX transition.
Table 2.
Packet period key parameters (continued)
Name
Description
t
RX
t
p a c k e t _period
l
preamb l e
l
syn c
+
() datarate
⋅
+
≥
AM16917V1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com