Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4232 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4232
Description  Getting started with analog comparators for STM32F3 series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4232 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4232 Datasheet HTML 4Page - STMicroelectronics AN4232 Datasheet HTML 5Page - STMicroelectronics AN4232 Datasheet HTML 6Page - STMicroelectronics AN4232 Datasheet HTML 7Page - STMicroelectronics AN4232 Datasheet HTML 8Page - STMicroelectronics AN4232 Datasheet HTML 9Page - STMicroelectronics AN4232 Datasheet HTML 10Page - STMicroelectronics AN4232 Datasheet HTML 11Page - STMicroelectronics AN4232 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Application examples
AN4232
8/17
DocID024134 Rev 2
2
Application examples
This section describes how the analog comparators embedded in STM32F30x and
STM32F37x devices can be used in applicative examples such as humidity measurement,
cycle-by-cycle motor control, voltage monitoring, and PWM control.
2.1
Cycle-by-cycle current control (peak current control)
Cycle-by-cycle current control (also called peak current control) is a technique broadly used
for power conversion, typically for DC-DC converters, lighting or motor drives.
The current sensor output (for instance a shunt or a current transformer) is connected to the
comparator non-inverting (ISENSED) input and compared against a current limit which is set
on the inverting input (either a simple resistor divider or the embedded DAC if the set-point
has to be adjusted dynamically). When the monitored current exceeds the current limit, the
comparator output goes high and disables the PWM outputs for the remaining time in the
PWM cycle. On the next cycle, if the comparator output is back to zero (i.e. the current is
below the limit), the PWM output is enabled again.
As displayed in Figure 4, STM32F30x and STM32F37x devices are designed for these
kinds of applications, where the timer can be used in PWM mode to control the motor. The
analog comparator can be used to monitor the motor current on-the-fly. The comparator
output can be internally redirected to the OCREFCLR signal which controls the PWM state.
The embedded Digital Analog Converter can be internally connected to the inverting input of
the comparator.
In Figure 4. both the real PWM (solid line) and the programmed PWM (dotted line) values (if
there were no OCrefClr feedback) are displayed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com