Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4312 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4312
Description  Guidelines for designing touch sensing applications with surface sensors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4312 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4312 Datasheet HTML 25Page - STMicroelectronics AN4312 Datasheet HTML 26Page - STMicroelectronics AN4312 Datasheet HTML 27Page - STMicroelectronics AN4312 Datasheet HTML 28Page - STMicroelectronics AN4312 Datasheet HTML 29Page - STMicroelectronics AN4312 Datasheet HTML 30Page - STMicroelectronics AN4312 Datasheet HTML 31Page - STMicroelectronics AN4312 Datasheet HTML 32Page - STMicroelectronics AN4312 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
DocID024815 Rev 1
29/36
AN4312
Surface sensor design
35
3.5.3
Using electrodes separated from the PCB
It is possible to use surface electrodes which create a sensitive area on the bottom surface
of the panel and are not close to the PCB.
One option is to print an electrode array on the inner surface of the front panel. In this case,
the electrode shape rules are as described in Chapter 3.1, and the materials are as
described in Chapter 2.2.2. The sensors can be connected using spring contacts,
conductive foam or rubber, or a flex tail attached using ACF/ACP (d)(see Figure 25).
Remember that, with this technique, the area where the interconnection is made is touch-
sensitive too.
Figure 25. Printed electrode method showing several connection methods
d. ACF/ACP = Anisotropic Conductive Film/Anisotropic Conductive Paste.
MS18979V1
Front panel
(plexiglass or
other suitable
material)
Controller
PCB
Spring
Printed
electrode
PCB pad
Flex PCB
Flex
connector
ACF/ACP
connection
Spacer (cylinder
of hard foam or
other suitable
material)
Printed
electrode
(optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com