Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TN0941 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TN0941
Description  When to and why use reset and supervisor ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0941 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TN0941 Datasheet HTML 7Page - STMicroelectronics TN0941 Datasheet HTML 8Page - STMicroelectronics TN0941 Datasheet HTML 9Page - STMicroelectronics TN0941 Datasheet HTML 10Page - STMicroelectronics TN0941 Datasheet HTML 11Page - STMicroelectronics TN0941 Datasheet HTML 12Page - STMicroelectronics TN0941 Datasheet HTML 13Page - STMicroelectronics TN0941 Datasheet HTML 14Page - STMicroelectronics TN0941 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DocID023775 Rev 1
11/16
TN0941
What are the following additional options of reset and supervisor ICs used for?
16
6.4
Chip enable gating
Internal gating of the memory chip enable signal (E) prevents erroneous data from
corrupting the external SRAM in the event of an undervoltage condition. The chip enable
signal, which normally goes directly from the microcontroller to the SRAM, is routed instead
through the supervisor device. The short propagation delay enables the chip enable gating
to be used with most microcontrollers. During normal operation (reset not asserted), the
transmission gate is enabled and passes all E transitions. When reset is asserted, this path
becomes disabled, preventing erroneous data from corrupting the SRAM.
More details
See AN1957: Microprocessor Supervisor Functions, page 17
Suggested products
For further information on chip enable gating signals, please refer to STM795 and STM818.
6.5
Early power failure
Inadvertent or unexpected power loss can cause a number of malfunctions in a system
(example, data loss, uncontrolled program status, and indeterminate processor state). For a
reliable design, systems should receive early power failure warnings, to leave enough time
for the microprocessor to start a safeguard routine, for backing up crucial data (example,
registers). Hence, power fail comparators are used to monitor unregulated or failing power
supplies through a voltage divider. Their reaction to power loss is very fast, and can provide
enough time to execute all the necessary safeguard processes that precede an expected
power failure.
More details
•
See AN1957: Microprocessor Supervisor Functions, page 18
•
See AN1336: Power-Fail Comparator for NVRAM Supervisory Devices
Suggested products
For further information on early power failures, please refer to the following products
on:
STM69x, STM70x, STM80x, STM81x, and STM1404.
Design tip
The power fail comparator input may be connected to a manual reset so that an early low
voltage condition generates a reset output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com