Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3421 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3421
Description  3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3421 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3421 Datasheet HTML 7Page - Linear Technology LTC3421 Datasheet HTML 8Page - Linear Technology LTC3421 Datasheet HTML 9Page - Linear Technology LTC3421 Datasheet HTML 10Page - Linear Technology LTC3421 Datasheet HTML 11Page - Linear Technology LTC3421 Datasheet HTML 12Page - Linear Technology LTC3421 Datasheet HTML 13Page - Linear Technology LTC3421 Datasheet HTML 14Page - Linear Technology LTC3421 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3421
11
3421f
OPERATIO
disconnect, there must not be any external Schottky
diodes connected between the SW pins and VOUT.
Note: Board layout is extremely critical to minimize volt-
age overshoot on the SW pins due to stray inductance.
Keep the output filter capacitors as close as possible to the
VOUT pins and use very low ESR/ESL ceramic capacitors,
tied to a good ground plane. In VOUT > 4.3V applications,
a Schottky diode is required from the switch nodes to VOUT
to limit the peak switch voltage to less than 6V unless
some form of external snubbing is employed. (See 5V
Applications section.)
APPLICATIO S I FOR ATIO
COMPONENT SELECTION
Inductor Selection
The high frequency operation of the LTC3421 allows the
use of small surface mount inductors. The minimum
inductance value is proportional to the operating fre-
quency and is limited by the following constraints:
L
f
and L
VV
V
f Ripple V
IN MIN
OUT MAX
IN MIN
OUT MAX
>>
()
3
()
(
)
()
()
•–
••
24
23
22
21
20
19
7
8
9
10
11
12
13
18
17
16
15
14
6
1
2
3
4
5
FB
VC
LBI
LBO
VIN
VOUT VOUT
VOUT
SYNC ILIM BURST GND PGND PGND
GND
3421 F01
MULTIPLE VIAS
TO GROUND
PLANE
SHDN
VREF
ENB
RT
SS
VOUTS
VOUT
SW
SW
SW
PGND
VIN
Figure 1. Recommended Component Placement. Traces Carrying
High Current are Direct (PGND, SW, VOUT). Trace Area at FB and
VC are Kept Low. Lead Length to Battery Should be Kept Short.
VIN and VOUT Ceramic Capacitors Should be as Close to the IC
Pins as Possible
where
f = Operating Frequency in MHz
Ripple = Allowable Inductor Current Ripple (Amps
Peak-Peak)
VIN(MIN) = Minimum Input Voltage
VOUT(MAX) = Maximum Output Voltage
The inductor current ripple is typically set to 20% to 40%
of the maximum inductor current.
For high efficiency, choose an inductor with high fre-
quency core material, such as ferrite, to reduce core loses.
The inductor should have low ESR (equivalent series
resistance) to reduce the I2R losses and must be able to
handle the peak inductor current without saturating. Molded
chokes or chip inductors usually do not have enough core
to support peak inductor currents in the 1A to 4A region.
To minimize radiated noise, use a toroidal or shielded
inductor. See Table 1 for suggested inductor suppliers and
Table 2 for a list of capacitor suppliers.
Table 1. Inductor Vendor Information
SUPPLIER PHONE
FAX
WEB SITE
Coilcraft
(847) 639-6400
(847) 639-1469 www.coilcraft.com
Coiltronics (561) 241-7876
(516) 241-9339
Murata
USA:
USA:
www.murata.com
(814) 237-1431
(814) 238-0490
(800) 831-9172
Sumida
USA:
USA:
www.sumida.com
(847) 956-0666
(847) 956-0702
Japan:
Japan:
81-3-3607-5111 81-3-3607-5144
TDK
(847) 803-6100
(847) 803-6296 www.component.tdk.com
TOKO
(847) 297-0070
(847) 669-7864 www.toko.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com