Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3453 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3453
Description  Synchronous Buck-Boost High Power White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3453 Datasheet(HTML) 4 Page - Linear Technology

  LTC3453 Datasheet HTML 1Page - Linear Technology LTC3453 Datasheet HTML 2Page - Linear Technology LTC3453 Datasheet HTML 3Page - Linear Technology LTC3453 Datasheet HTML 4Page - Linear Technology LTC3453 Datasheet HTML 5Page - Linear Technology LTC3453 Datasheet HTML 6Page - Linear Technology LTC3453 Datasheet HTML 7Page - Linear Technology LTC3453 Datasheet HTML 8Page - Linear Technology LTC3453 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC3453
4
3453fa
PI FU CTIO S
VIN (Pin 1): Signal Voltage Input Supply Pin [2.7V ≤ VIN ≤
5.5V]. Recommended bypass capacitor to GND is 2.2
µF
ceramic or larger. Connect to PVIN (Pin 16).
EN1 (Pin 2): Enable Input Pin for ISET1 Current.
ISET1 (Pin 3): White Led Current Programming Pin. A
resistor to ground programs each current source output to
ILED = 384(0.8V/RISET1). This amount of current adds to
any amount set by EN2/ISET2 if also used.
LED1 to LED4 (Pins 4, 6, 7, 9): Individual Low Dropout
Current Source Outputs for White LED Current Biasing.
Connect each white LED between VOUT and an individual
LEDx pin. Unused LEDx outputs should be connected to
VOUT.
GND (Pins 5 and 8): Signal Ground Pin. Connect to PGND
(Exposed Pad).
ISET2 (Pin 10): White Led Current Programming Pin. A
resistor to ground programs each current source output to
ILED = 384(0.8V/RISET2). This amount of current adds to
any amount set by EN1/ISET1 if also used.
EN2 (Pin 11): Enable Input Pin for ISET2 Current.
VC (Pin 12): Compensation Point for the Internal Error
Amplifier Output. Recommended compensation capacitor
to GND is 0.1
µF ceramic or larger.
VOUT (Pin 13): Buck-Boost Output Pin. Recommended
bypass capacitor to GND is 4.7
µF ceramic.
SW2 (Pin 14): Switching Node Pin. Connected to internal
power switches C and D. External inductor connects
between SW1 and SW2. Recommended value is 4.7
µH.
SW1 (Pin 15): Switching Node Pin. Connected to internal
power switches A and B. External inductor connects
between SW1 and SW2. Recommended value is 4.7
µH.
PVIN (Pin 16): Power Voltage Input Supply Pin. Connect to
VIN (Pin 1).
Exposed Pad (Pin 17): Power Ground Pin. Connect to
GND (Pin 8) and solder to PCB ground for optimum
thermal performance.
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs LED Current
Output Voltage Ripple
Startup Transient
LED CURRENT (mA)
100
100
90
80
70
50
60
350 400 450
300
3453 G07
150 200 250
500
FRONT PAGE APPLICATION
PLED/PIN, VIN = 3.6V, TA = 25°C
20mV/DIV
AC COUPLED
FRONT PAGE APPLICATION
VIN = 3.6V
ILED = 150mA
5
µs/DIV
3453 G08
CH1, VOUT
2V/DIV
0V
0V
CH2, EN1
1V/DIV
FRONT PAGE APPLICATION
VIN = 3.6V
ILED = 150mA
1ms/DIV
3453 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com