Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4326 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4326
Description  Increasing the M24LRXXE-R family ESD robustness on antenna using an external ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4326 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4326 Datasheet HTML 3Page - STMicroelectronics AN4326 Datasheet HTML 4Page - STMicroelectronics AN4326 Datasheet HTML 5Page - STMicroelectronics AN4326 Datasheet HTML 6Page - STMicroelectronics AN4326 Datasheet HTML 7Page - STMicroelectronics AN4326 Datasheet HTML 8Page - STMicroelectronics AN4326 Datasheet HTML 9Page - STMicroelectronics AN4326 Datasheet HTML 10Page - STMicroelectronics AN4326 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DocID024976 Rev 1
7/17
AN4326
Choosing the external ESD protection
16
The break down voltage (VBR) determines the voltage level at which the ESD protection
turns on. To protect the M24LRXXE-R efficiently, the VBR must be as low as possible.
However, during an RF operation, the RF voltage values present between AC0 and GND,
and AC1 and GND, are applied to the external ESD protection. As a consequence, the
external ESD protection also clamps the RF voltage on AC0 and AC1 as soon as it exceeds
VBR. When RF readers use a low modulation index to communicate with tags, the RF
modulation can be canceled, causing communication holes at short distance. Overcoming
this by using a high VBR ESD protection will lead to a weak protection of the M24LRXXE-R.
To offer the best ESD protection to the M24LRXXE-R (8 kV at contact discharge and 15 kV
at air discharge), the external ESD protection voltage levels should be:
•
VBR ≤ 9 V
•
VF ≤ 1 V
The voltage level received on AC0 and AC1 depends on the reader power and antenna, as
well as on the tag antenna. The distance at which the communication stops then depends
on these parameters but also on the modulation index used by the reader. The RF
performance of the M24LRXXE-R tag using an external ESD protection must be validated in
the customer's system.
Since the ESD is affected by the antenna, the ESD robustness must also be validated by
the customer.
Note:
Section 5 and Section 6 show the IEC61000-4-2 ESD test results and the RF read range
results using an NFC phone with a 65 x 45 mm 6-turn antenna.
2.2
Parasitic capacitance of the ESD protection and tag antenna
design
Placing an external ESD protection between the antenna and the M24LRXXE-R causes an
additional parasitic capacitance between the AC0 and AC1 lines.
If Cpar is the parasitic capacitance between AC0 and AC1 due to the external ESD
protection, and CM24LRXXE-R is the M24LRXXE-R built-in tuning capacitance, the total
capacitance used to design the tag antenna inductance becomes:
The inductance of the antenna must then satisfy:
where Ftune is the tuning frequency of the tag.
Note:
See AN2972 for more details on antenna design basics.
The read range of the M24LRXXE-R is given by the distance at which the AC0-AC1 AC
magnitude voltage reaches 2 V, or the AC0-GND (or AC1-GND) voltage reaches 1.8 V. At
this voltage level, the external ESD protection is not active and behaves as a parasitic
capacitance. The maximum read range only depends on the reader (power and antenna)
and the tag antenna (dimension and turns) and the tag antenna tuning frequency.
As a consequence, the total capacitance value, including the external ESD protection, is a
key parameter for antenna tuning and performance. Its value must be evaluated before
designing the antenna.
Ctot C
=
M24LRXXE-R
Cpar
+
Lantenna
1
Ctot 2 π
×
Ftune
×
×
()
2
---------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com