Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4433 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4433
Description  Storing data into the NDEF memory of M24SR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4433 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4433 Datasheet HTML 3Page - STMicroelectronics AN4433 Datasheet HTML 4Page - STMicroelectronics AN4433 Datasheet HTML 5Page - STMicroelectronics AN4433 Datasheet HTML 6Page - STMicroelectronics AN4433 Datasheet HTML 7Page - STMicroelectronics AN4433 Datasheet HTML 8Page - STMicroelectronics AN4433 Datasheet HTML 9Page - STMicroelectronics AN4433 Datasheet HTML 10Page - STMicroelectronics AN4433 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
DocID025791 Rev 1
7/34
AN4433
Reminder on NFC Forum Type 4 Tag and NDEF data structure
33
Figure 2. NFC Forum Type 4 Tag memory
1.2
Memory access
An NFC Forum Type 4 Tag can be accessed only through a “file access” interface: no direct
addressing of memory area is possible.
File access allows to:
–
have direct access to a specific area of the memory, without parsing the other part
–
separate the memory areas for different applications/data (with no accidental
overread/overwrite of the memory)
–
give read/write access rights per memory area
To interact with an NFC Forum Type 4 Tag, a reader/writer device must:
–
apply the “Listen, RF Collision Avoidance, Technology Detection, Collision
Resolution” activity for suitable technology (NFC-A technology for M24SRxx-Y
products), as defined in doc [1].
–
perform the “Device Activation” activity for suitable Device Platform (Type 4A Tag
Platform for M24SRxx-Y products), as defined in doc[1].
–
apply the “NDEF Detection Procedure” (and Proprietary files read, if any), as
defined in doc [2]., inside ISODEP protocol (see doc [1].).
For examples of file accesses:
–See Appendix A and Appendix B.
1.3
Reader/Writer behavior in front of NFC Forum Type 4 Tag
NFC is now widely deployed on both common platforms (smartphones and tablets) with
well-known OS (Android™, Windows® Phone 7.5/8.0, BlackBerry® 10), and proprietary
NFC/RFID readers.
NFC Forum Type 4 Tag and NDEF data format offer native interoperability to exchange
standard NDEF data between these devices.
In front of an NFC Forum Type 4 Tag, any reader will natively interpret the standard NDEF
data, and start the application, registered for the data type of the first record of the NDEF
file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com