Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4471 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4471
Description  STEVAL-IME009V1 evaluation board based on the STHV800 high voltage pulser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4471 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4471 Datasheet HTML 3Page - STMicroelectronics AN4471 Datasheet HTML 4Page - STMicroelectronics AN4471 Datasheet HTML 5Page - STMicroelectronics AN4471 Datasheet HTML 6Page - STMicroelectronics AN4471 Datasheet HTML 7Page - STMicroelectronics AN4471 Datasheet HTML 8Page - STMicroelectronics AN4471 Datasheet HTML 9Page - STMicroelectronics AN4471 Datasheet HTML 10Page - STMicroelectronics AN4471 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
DocID026197 Rev 1
7/39
AN4471
Hardware layout and configuration
39
• VDDM: Negative supply voltage -3.3 V to 0 (J2 conn.)
• GND: Ground (J2 conn.)
• HVMCW: Continuous wave high voltage negative supply (J3 conn.)
• HVM0: TX high voltage negative supply (J3 conn.)
• GND: Ground (J3 conn.)
3.2
MCU
The STM32F103C8T6 updates the waveform and the FPGA bit stream on the SPI Flash
memory. It is already pre-programmed as a DFU (device firmware upgrade) device and can
upgrade internal and external Flash memory. The STM32F103 manages all the DFU
operations, such as the authentication of product identifier, vendor identifier, Firmware
version as well as the alternate setting number (Target ID). This is used to upgrade the SPI
Flash memory hosted on the STEVAL-IME009V1 and render the upgrade more secure.
Note:
See AN3156, UM0412 and UM1083 for further details about the upgrade through DFU.
3.3
SPI Flash memory
The STEVAL-IME009V1 hosts a Micron N25Q032 (U9), it is a 32-Mbit (4 Mb x 8) serial
Flash memory with advanced write protection mechanisms. It can be accessed by a high
speed SPI-compatible bus and can even work in XIP (eXecution in Place) mode.
The N25Q032 also supports the high-performance quad I/O instructions used by the FPGA
to quadruple the transfer bandwidth for read and program operations.
If extra data memory is needed, the user can connect external Flash memory to the J10
connector. When the external Flash is plugged, LED D29 is on Table 3.
The Flash memory is configured by setting J38 as described in Table 4.
Table 3. SPI Flash memory LED
Color
Name
Description
D29
Green
EXT SPI-FLASH
The external SPI-Flash module is connected
D30
Red
On-board SPI-FLASH
The on-board SPI-Flash is used
Table 4. SPI Flash memory jumper
Status
Description
J38
Closed
Fitted (default setting): enable the power supply to the on-board
SPI Flash memory (U9).
Open
Unfitted: disable the power supply to the on-board SPI Flash
memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com