Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4472 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4472
Description  STEVAL-IME008V1 evaluation board based on the STHV749 transmission pulser
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4472 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4472 Datasheet HTML 5Page - STMicroelectronics AN4472 Datasheet HTML 6Page - STMicroelectronics AN4472 Datasheet HTML 7Page - STMicroelectronics AN4472 Datasheet HTML 8Page - STMicroelectronics AN4472 Datasheet HTML 9Page - STMicroelectronics AN4472 Datasheet HTML 10Page - STMicroelectronics AN4472 Datasheet HTML 11Page - STMicroelectronics AN4472 Datasheet HTML 12Page - STMicroelectronics AN4472 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
DocID026198 Rev 1
9/44
AN4472
Hardware layout and configuration
44
Once the FPGA has been configured, the DONE LED (D23) turns on and the FPGA state
machine initiates the idle state entry sequence (LED D4 turns on).
Use the program button to select and generate the desired waveform (refer to
Section 3.4.1), which is highlighted by a corresponding LED (D6-D21 represent Program 0-
Program 15 respectively). The selection following the last installed program cycles back to
Program 0.
The START button activates the selected program and the START LED (D2) turns on. When
the program ends, the FPGA returns to the idle state (LED D4 is on). If a continuous wave
program is selected, the STOP button must be pressed to stop program execution; the
FPGA returns to the idle state and the STOP LED (D3) turns on. The LEDs associated with
FPGA operations are described in Table 7.
J13
J13 is used to prevent FPGA programming from configuration source.
Connected: disable FPGA programming.
Not Connected: enable FPGA programming.
(default setting: not connected)
J35 and
J36
Configure J35 and J36 to setup outputs idle state as follows:
(default setting: Not connected)
High Z
J35 and J36
not
connected
Clamp / HVR_SW
J35
connected,
J36 not
connected
High Z
J35 and J36
connected
Clamp
J35 not
connected,
J36
connected
J37
Configure J37 to connect FPGA outputs to STHV749
(default setting: Not connected)
Connected: disconnect FPGA outputs (High Z)
Not Connected: connect FPGA outputs
Table 7. FPGA LED
Color
Name
Description
D2
Green
START
A program is running after the START button SW5 is
pressed.
D3
Green
STOP
The STOP button SW4 has been pressed.
D4
Green
IDLE
The FPGA state machine is in the idle state.
Table 6. FPGA Jumper (continued)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com