Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4486 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4486
Description  This application note describes the BlueNRG and BlueNRG-MS over-the-air
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4486 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4486 Datasheet HTML 14Page - STMicroelectronics AN4486 Datasheet HTML 15Page - STMicroelectronics AN4486 Datasheet HTML 16Page - STMicroelectronics AN4486 Datasheet HTML 17Page - STMicroelectronics AN4486 Datasheet HTML 18Page - STMicroelectronics AN4486 Datasheet HTML 19Page - STMicroelectronics AN4486 Datasheet HTML 20Page - STMicroelectronics AN4486 Datasheet HTML 21Page - STMicroelectronics AN4486 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Running the OTA bootloader GUI & BlueNRG SW
package demo applications
AN4486
18/29
DocID026293 Rev 2
OTA bootloader service. As an example, in our demo platform we use an LED blinking
at higher frequency when connection is established, and this can be used as visual
feedback to obtain confirmation related to the device being addressed. If we realize we
have connected the wrong device, we can simply press the 'Force Disconnection'
button and return to device selection within the combo box. After device selection and
connection through the “Connect” button, we can read the related free memory range
that it advertises, which constrains us to provide an image file compiled with a base
address and size within the expected range on the slave device.
a.
As a next step, we need to provide the “Base address” and press the browse
button to select the location of the file containing the image that we plan to
send over-the-air to the slave device. For that purpose, the user can open the
BlueNRG IAR workspace SensorDemo, LowPower_HigherApp_OTA and
build the related DFU_OTA_Higher_SensorDemo.bin image (available in the
SensorDemo\EWARM\LowPower_HigherApp_OTA\Exe folder) containing a
version of the Sensor Demo that is compiled with base address equal to
0x800e000. Apart from the memory offset, the only difference from
LowPower_LowerApp_OTA is the color of the flashing LEDs (LowerApp
blinks LED_D1, Higher_App blinks LED_D2). Alternatively, user can open the
BlueNRG-MS IAR workspace SensorDemo, LowPower_HigherApp_OTA and
build the related DFU_OTA_Higher_SensorDemo.bin image (available in the
SensorDemo\EWARM_BlueNRG-MS\LowPower_HigherApp_OTA\Exe
folder).
Figure 6: BlueNRG GUI: OTA bootloader search for devices and connect
7
Once we have browsed to the application image
(SensorDemo\EWARM\LowPower_HigherApp_OTA\Exe\DFU_OTA_Higher_SensorDe
mo.bin or SensorDemo\EWARM_BlueNRG-
MS\LowPower_HigherApp_OTA\Exe\DFU_OTA_Higher_SensorDemo.bin) built with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com