Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3549 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3549
Description  250mA Low VIN Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3549 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3549 Datasheet HTML 3Page - Linear Technology LTC3549 Datasheet HTML 4Page - Linear Technology LTC3549 Datasheet HTML 5Page - Linear Technology LTC3549 Datasheet HTML 6Page - Linear Technology LTC3549 Datasheet HTML 7Page - Linear Technology LTC3549 Datasheet HTML 8Page - Linear Technology LTC3549 Datasheet HTML 9Page - Linear Technology LTC3549 Datasheet HTML 10Page - Linear Technology LTC3549 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3549
7
3549f
PI FU CTIO S
VIN (Pin 1): Main Supply Pin. Must be closely decoupled
to GND, Pins 2 and 7, with a 4.7µF or greater ceramic
capacitor.
GND (Pin 2): N/C. Ground this pin.
SW (Pin 3): Switch Node Connection to Inductor. This pin
connects to the drains of the internal main and synchronous
power MOSFET switches.
MODE (Pin 4): Mode Select Input. To select pulse-skip-
ping mode, force this pin above 1.1V. Forcing this pin
below 0.3V selects Burst Mode operation. Do not leave
MODE floating.
RUN (Pin 5): Run Control Input. Forcing this pin above 1.1V
enables the part. Forcing this pin below 0.3V shuts down
the device. In shutdown, all functions are disabled drawing
<1µA supply current. Do not leave RUN floating.
VFB (Pin 6): Feedback Pin. Receives the feedback voltage
from an external resistive divider across the output.
GND (Pin 7): Exposed Pad. The Exposed Pad is ground. It
must be soldered to PCB ground to provide both electrical
contact and optimum thermal performance.
FU CTIO AL DIAGRA
+
–
+
–
EA
+
–
OVDET
IRCMP
+
–
ICOMP
6
5
RUN
SLOPE
COMP
OSC
0.611V
REFERENCE
SHUTDOWN
OV
0.671
0.4V
0.65V
SLEEP
EN
VIN
VFB
4
MODE
BURST
VIN
S
R
RS LATCH
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
ANTI-
SHOOT-
THRU
SOFT-
START
Q
Q
5
Ω
1
SW
3
GND
3549 FD
2
GND
7
OSCILLATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com