Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1519 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1519
Description  This user manual describes the ZigBee
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1519 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1519 Datasheet HTML 5Page - STMicroelectronics UM1519 Datasheet HTML 6Page - STMicroelectronics UM1519 Datasheet HTML 7Page - STMicroelectronics UM1519 Datasheet HTML 8Page - STMicroelectronics UM1519 Datasheet HTML 9Page - STMicroelectronics UM1519 Datasheet HTML 10Page - STMicroelectronics UM1519 Datasheet HTML 11Page - STMicroelectronics UM1519 Datasheet HTML 12Page - STMicroelectronics UM1519 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
UM1519
STM3220G-EVAL demonstration board
Doc ID 022813 Rev 2
9/40
Figure 5.
ZigBee adapter layout description
1.3
Power supply
The STM322xG-EVAL demonstration board is designed to be powered by 5 V DC power
supply and to be protected by PolyZen from a wrong power plug-in event. It is possible to
configure the demonstration board to use any of the following five sources for the power
supply:
●
5 V DC power adapter connected to JP18, the power jack on the board
●
5 V DC power with 500 mA limitation from CN8, the USB OTG FS Micro-AB connector
●
5 V DC power with 500 mA limitation from CN9, the USB OTG HS Micro-AB connector
●
5 V DC power with 500 mA limitation from CN21, the ST-LINK/V2 USB connector
●
5 V DC power from both CN1 and CN3, the extension connector for the daughterboard
(DTB for daughterboard on silkscreen).
The power supply is configured by setting the related jumpers JP4, JP32, JP18 and JP19,
as described in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com